Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8673312PSG Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z8673312PSG
Description  CMOS Z8 OTP Microcontrollers
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8673312PSG Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z8673312PSG Datasheet HTML 31Page - Zilog, Inc. Z8673312PSG Datasheet HTML 32Page - Zilog, Inc. Z8673312PSG Datasheet HTML 33Page - Zilog, Inc. Z8673312PSG Datasheet HTML 34Page - Zilog, Inc. Z8673312PSG Datasheet HTML 35Page - Zilog, Inc. Z8673312PSG Datasheet HTML 36Page - Zilog, Inc. Z8673312PSG Datasheet HTML 37Page - Zilog, Inc. Z8673312PSG Datasheet HTML 38Page - Zilog, Inc. Z8673312PSG Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
PS022901-0508
Electrical Characteristics
CMOS Z8® OTP Microcontrollers
Product Specification
31
Figure 15. Additional Timing Diagram
Table 15. Additional Timing Table (Divide-By-One Mode) T
A = 0 °C to +70 °C
No
Symbol Parameter
V
CC
1
Min
Max
Min
Max
Units Notes
1
TpC
Input Clock Period
3.5V
250
DC
166
DC
ns
2,3,4
5.5V
250
DC
166
DC
ns
2,3,4
2
TrC,TfC
Clock Input Rise & Fall
Times
3.5V
25
25
ns
2,3,4
5.5V
25
25
ns
2,3,4
3
TwC
Input Clock Width
3.5V
100
100
ns
2,3,4
5.5V
100
100
ns
2,3,4
4
TwTinL
Timer Input Low Width
3.5V
100
100
ns
2,3,4
5.5V
70
70
ns
2,3,4
1
3
2
3
7
2
2
4
5
6
8
9
11
10
Stop
Mode
Recovery
Source
Clock
Setup
IRQN
TIN
Clock


Similar Part No. - Z8673312PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86733 ZILOG-Z86733 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86733 ZILOG-Z86733 Datasheet
33Kb / 10P
   PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
More results

Similar Description - Z8673312PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com