Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7000D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7000D
Description  Low Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7000D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7000D Datasheet HTML 1Page - Fairchild Semiconductor FAN7000D Datasheet HTML 2Page - Fairchild Semiconductor FAN7000D Datasheet HTML 3Page - Fairchild Semiconductor FAN7000D Datasheet HTML 4Page - Fairchild Semiconductor FAN7000D Datasheet HTML 5Page - Fairchild Semiconductor FAN7000D Datasheet HTML 6Page - Fairchild Semiconductor FAN7000D Datasheet HTML 7Page - Fairchild Semiconductor FAN7000D Datasheet HTML 8Page - Fairchild Semiconductor FAN7000D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FAN7000D
2
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1
PS
Power Save Switch
2INA
Signal Input A
3
GND
Signal Ground
4INB
Signal Input B
5
REF
Reference Voltage
6VCC
Supply Voltage
7OUTB
Signal Output B
8
GND
Power Ground
9OUTA
Signal Output A
10
MUTE
Mute On Switch
10
9
8
7
6
FAN7000D
1
2
3
4
5
MUTE
OUT
A
GND
OUT
B
V
CC
PS
IN
A
GND
IN
B
REF


Similar Part No. - FAN7000D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7005 FAIRCHILD-FAN7005 Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005M FAIRCHILD-FAN7005M Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005MU FAIRCHILD-FAN7005MU Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005MUX FAIRCHILD-FAN7005MUX Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005MX FAIRCHILD-FAN7005MX Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
More results

Similar Description - FAN7000D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
   VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Fairchild Semiconductor
KSD2012GTU FAIRCHILD-KSD2012GTU Datasheet
61Kb / 4P
   Low Frequency Power Amplifier
logo
Wuxi Youda electronics ...
YD8227 YOUDA-YD8227 Datasheet
130Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
Fairchild Semiconductor
KSC2883 FAIRCHILD-KSC2883 Datasheet
45Kb / 5P
   Low Frequency Power Amplifier
KSD1406 FAIRCHILD-KSD1406 Datasheet
46Kb / 4P
   Low Frequency Power Amplifier
KSD2058 FAIRCHILD-KSD2058 Datasheet
46Kb / 4P
   Low Frequency Power Amplifier
KSD880 FAIRCHILD-KSD880 Datasheet
59Kb / 4P
   Low Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com