Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5250QSCX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5250QSCX
Description  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250QSCX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5250QSCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FAN5250
8
REV. 1.1.6 3/12/03
Output Voltage Programming
The output voltage of the converter is programmed by an
internal DAC in discrete steps between 0.6V and 1.75V:
Table 1. Output Voltage VID
1 = Logic High or open, 0 = Logic Low
VID0–4 pins will assume a logic 1 level if left open as each
has a 12µA internal current source pull-up to 2.5V. The
output of the DAC voltage also establishes the thresholds for
PGOOD, UVP and OVP thresholds.
Alternative Voltage Programming Input
The output voltage can alternatively be set by the ALTV pin.
This override of the VID DAC becomes necessary during
power-up and some power saving modes of operation, when
the voltage on the processor is insufficient to provide correct
VID codes to the controller. Therefore, the required core
voltage should be set by some means external to the
processor. A common approach to this problem is to provide
hard-wired VID codes via a multiplexer controlled by the
CPU. That approach lacks simplicity and takes many
external components and valuable motherboard area.
The FAN5250 uses a simpler way to set the core voltages
when the CPU is incapable of providing valid VID codes.
A resistor-MOSFET network (shown in Figure 4) works
with the calibrated 10µA current from the ALTV pin to set
the ALTV voltage when the MOSFET's gate is driven high.
The controller regulates the output voltage to the level
established on the ALTV pin when this voltage is lower than
the highest VID programmed voltage (1.75V). When both
MOSFET gates are low, the ALTV pin goes to 2.5V and the
output is controlled by the VID code. If a more accurate
Deep-Sleep (DSX) and Start voltages are required than the
internal current source can provide, it may be overridden
with the external resistor shown (grey-shading).
Figure 4. ALTV Programming
When relying on the internal current source to set ALTV:
When using Rx for greater accuracy, on the internal current
source to set ALTV, Choose a value for Rx where
VID4
VID3
VID2
VID1
VID0
VOUT to
CPU
11111
0.600
11110
0.625
11101
0.650
11100
0.675
11011
0.700
11010
0.725
11001
0.750
11000
0.775
10111
0.800
10110
0.825
10101
0.850
10100
0.875
10011
0.900
10010
0.925
10001
0.950
10000
0.975
01111
1.000
01110
1.050
01101
1.100
01100
1.150
01011
1.200
01010
1.250
01001
1.300
01000
1.350
00111
1.400
00110
1.450
00101
1.500
00100
1.550
00011
1.600
00010
1.650
00001
1.700
00000
1.750
START
DSX
ALTV
6
R8
R7
REF
Rx
2.5V
10?A
R7
V
START
10
µA
--------------------


=
and R8
V
DSX
10
µA
--------------


=
(4)
R7
VV
START
×
V
REF
V
START
R
X
10
µA
×
()
+
---------------------------------------------------------------------------------


=
R8
RV
START
×
V
REF
V
DSX
R
X
10
µA
×
()
+
--------------------------------------------------------------------------


=
V
REF
V
START
R
X
-----------------------------------------

 10
»
µA
(5)
, then


Similar Part No. - FAN5250QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Similar Description - FAN5250QSCX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com