Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9751G6KB-25 Datasheet(PDF) 21 Page - Winbond

Part # W9751G6KB-25
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB-25 Datasheet(HTML) 21 Page - Winbond

Back Button W9751G6KB-25 Datasheet HTML 17Page - Winbond W9751G6KB-25 Datasheet HTML 18Page - Winbond W9751G6KB-25 Datasheet HTML 19Page - Winbond W9751G6KB-25 Datasheet HTML 20Page - Winbond W9751G6KB-25 Datasheet HTML 21Page - Winbond W9751G6KB-25 Datasheet HTML 22Page - Winbond W9751G6KB-25 Datasheet HTML 23Page - Winbond W9751G6KB-25 Datasheet HTML 24Page - Winbond W9751G6KB-25 Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 21 -
Revision A04
8.3.3
Write Command
( CS = "L", RAS = "H", CAS = "L", WE = "L", BA0, BA1 = Bank, A10 = "L", A0 to A9 = Column
Address)
The WRITE command is used to initiate a burst write access to an active row. The value on BA0, BA1
inputs selects the bank, and the A0 to A9 address inputs determine the starting column address. The
address input A10 determines whether or not Auto-precharge is used. If Auto-precharge is selected,
the row being accessed will be precharged at the end of the WRITE burst; if Auto-precharge is not
selected, the row will remain open for subsequent accesses.
8.3.4
Burst Read with Auto-precharge Command
( CS = "L", RAS = "H", CAS ="L", WE = "H", BA0, BA1 = Bank, A10 = "H", A0 to A9 = Column
Address)
If A10 is HIGH when a Read Command is issued, the Read with Auto-precharge function is engaged.
The DDR2 SDRAM starts an Auto-precharge operation on the rising edge which is (AL + BL/2) cycles
later than the read with AP command if tRAS(min) and tRTP(min) are satisfied.
8.3.5
Burst Write with Auto-precharge Command
( CS = "L", RAS = "H", CAS = "L", WE = "L", BA0, BA1 = Bank, A10 = "H", A0 to A9 = Column
Address)
If A10 is HIGH when a Write Command is issued, the Write with Auto-precharge function is engaged.
The DDR2 SDRAM automatically begins precharge operation after the completion of the burst write
plus write recovery time (WR) programmed in the mode register.
8.3.6
Precharge All Command
( CS = "L", RAS = "L", CAS = "H", WE = "L", BA0, BA1 = Don‟t Care, A10 = "H", A0 to A9 and
A11 to A12
= Don‟t Care)
The Precharge All command precharge all banks simultaneously. Then all banks are switched to the
idle state.
8.3.7
Self Refresh Entry Command
( CS = "L", RAS = "L", CAS = "L", WE = "H", CKE = "L", BA0, BA1, A0 to A12 = Don‟t Care)
The Self Refresh command can be used to retain data, even if the rest of the system is powered
down. When in the Self Refresh mode, the DDR2 SDRAM retains data without external clocking. The
DDR2 SDRAM device has a built-in timer to accommodate Self Refresh operation. ODT must be
turned off before issuing Self Refresh command, by either driving ODT pin LOW or using an EMRS
command. Once the command is registered, CKE must be held LOW to keep the device in Self
Refresh mode. The DLL is automatically disabled upon entering Self Refresh and is automatically
enabled upon exiting Self Refresh. When the DDR2 SDRAM has entered Self Refresh mode, all of the
external signals except CKE, are
“Don‟t Care”.
The clock is internally disabled during self refresh operation to save power. The user may change the
external clock frequency or halt the external clock one clock after Self Refresh entry is registered;
however, the clock must be restarted and stable before the device can exit self refresh operation.


Similar Part No. - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB-25

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com