Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W631GG6KB-15 Datasheet(PDF) 59 Page - Winbond

Part # W631GG6KB-15
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W631GG6KB-15 Datasheet(HTML) 59 Page - Winbond

Back Button W631GG6KB-15 Datasheet HTML 55Page - Winbond W631GG6KB-15 Datasheet HTML 56Page - Winbond W631GG6KB-15 Datasheet HTML 57Page - Winbond W631GG6KB-15 Datasheet HTML 58Page - Winbond W631GG6KB-15 Datasheet HTML 59Page - Winbond W631GG6KB-15 Datasheet HTML 60Page - Winbond W631GG6KB-15 Datasheet HTML 61Page - Winbond W631GG6KB-15 Datasheet HTML 62Page - Winbond W631GG6KB-15 Datasheet HTML 63Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 158 page
background image
W631GG6KB
Publication Release Date: Feb. 27, 2013
Revision A04
- 59 -
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Tn
CK#
CK
Command*3
Address*4
DQS, DQS#
DQ*2
Din
n
Din
n+2
Din
n+3
Bank
Col n
WRITE
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ
WL = 5
tWPRE
Din
n+1
tWPST
NOP
NOP
tWTR*5
Bank
Col b
RL = 6
TIME BREAK
TRANSITIONING DATA
DON'T CARE
Notes:
1. BC4, WL = 5, RL = 6.
2. Din n = data-in from column n; Dout b = data-out from column b.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BC4 setting activated by MR0 A[1:0] = 10 during WRITE command at T0 and READ command at Tn.
5. tWTR controls the write to read delay to the same device and starts with the first rising clock edge after the last write data
shown at T7.
Figure 45
– WRITE (BC4) to READ (BC4) Operation
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Tn
CK#
CK
Command*3
Address*4
DQS, DQS#
DQ*2
Din
n
Din
n+2
Din
n+3
Bank
Col n
WRITE
NOP
NOP
NOP
NOP
NOP
NOP
NOP
PRE
WL = 5
tWPRE
Din
n+1
tWPST
NOP
NOP
tWR*5
TIME BREAK
TRANSITIONING DATA
DON'T CARE
Notes:
1. BC4, WL = 5, RL = 6.
2. Din n = data-in from column n; Dout b = data-out from column b.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BC4 setting activated by MR0 A[1:0] = 10 during WRITE command at T0.
5. The write recovery time (tWR) referenced from the first rising clock edge after the last write data shown at T7. tWR specifies
the last burst write cycle until the precharge command can be issued to the same bank.
Figure 46
– WRITE (BC4) to PRECHARGE Operation


Similar Part No. - W631GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GU6KB-12-TR WINBOND-W631GU6KB-12-TR Datasheet
4Mb / 160P
   8M ??8 BANKS ??16 BIT DDR3L SDRAM
More results

Similar Description - W631GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com