Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W631GG6KB-15 Datasheet(PDF) 42 Page - Winbond

Part # W631GG6KB-15
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W631GG6KB-15 Datasheet(HTML) 42 Page - Winbond

Back Button W631GG6KB-15 Datasheet HTML 38Page - Winbond W631GG6KB-15 Datasheet HTML 39Page - Winbond W631GG6KB-15 Datasheet HTML 40Page - Winbond W631GG6KB-15 Datasheet HTML 41Page - Winbond W631GG6KB-15 Datasheet HTML 42Page - Winbond W631GG6KB-15 Datasheet HTML 43Page - Winbond W631GG6KB-15 Datasheet HTML 44Page - Winbond W631GG6KB-15 Datasheet HTML 45Page - Winbond W631GG6KB-15 Datasheet HTML 46Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 158 page
background image
W631GG6KB
Publication Release Date: Feb. 27, 2013
Revision A04
- 42 -
7.13 READ Operation
7.13.1 READ Burst Operation
During a READ or WRITE command, DDR3 will support BC4 and BL8 on the fly using address A12
during the READ or WRITE (AUTO PRECHARGE can be enabled or disabled).
A12 = 0, BC4 (BC4 = burst chop, tCCD = 4)
A12 = 1, BL8
A12 is used only for burst length control, not as a column address.
TRANSITIONING DATA
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
CK#
CK
Command*
3
READ
Address*
4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank
Col n
DON'T CARE
DQS, DQS#
DQ*
2
CL = 6
Dout
n
Dout
n+1
RL = AL + CL
tRPRE
Dout
n+2
Dout
n+3
Dout
n+4
Dout
n+5
Dout
n+6
Dout
n+7
tRPST
NOP
NOP
NOP
Notes:
1. BL8, RL = 6, AL = 0, CL = 6.
2. Dout n = data-out from column n.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0 A[1:0] = 00 or MR0 A[1:0] = 01 and A12 = 1 during READ command at T0.
Figure 21
– READ Burst Operation RL = 6 (AL = 0, CL = 6, BL8)
TRANSITIONING DATA
T0
T1
T5
T6
T10
T11
T12
T13
T14
T15
T16
CK#
CK
Command*
3
READ
Address*
4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank
Col n
DON'T CARE
DQS, DQS#
DQ*
2
CL = 6
Dout
n
Dout
n+1
RL = AL + CL
tRPRE
Dout
n+2
Dout
n+3
Dout
n+4
Dout
n+5
Dout
n+6
Dout
n+7
tRPST
NOP
NOP
NOP
AL = 5
TIME BREAK
Notes:
1. BL8, RL = 11, AL = (CL - 1), CL = 6.
2. Dout n = data-out from column n.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0 A[1:0] = 00 or MR0 A[1:0] = 01 and A12 = 1 during READ command at T0.
Figure 22
– READ Burst Operation RL = 11 (AL = 5, CL = 6, BL8)


Similar Part No. - W631GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GU6KB-12-TR WINBOND-W631GU6KB-12-TR Datasheet
4Mb / 160P
   8M ??8 BANKS ??16 BIT DDR3L SDRAM
More results

Similar Description - W631GG6KB-15

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com