Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5231 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5231
Description  Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5231 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5231 Datasheet HTML 1Page - Fairchild Semiconductor FAN5231 Datasheet HTML 2Page - Fairchild Semiconductor FAN5231 Datasheet HTML 3Page - Fairchild Semiconductor FAN5231 Datasheet HTML 4Page - Fairchild Semiconductor FAN5231 Datasheet HTML 5Page - Fairchild Semiconductor FAN5231 Datasheet HTML 6Page - Fairchild Semiconductor FAN5231 Datasheet HTML 7Page - Fairchild Semiconductor FAN5231 Datasheet HTML 8Page - Fairchild Semiconductor FAN5231 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.fairchildsemi.com
REV. 1.1.1 8/15/01
Features
• Provides 3 Regulated Voltages
– Microprocessor core (SpeedStep™-enabled)
– Microprocessor I/O
– Microprocessor Clock Generator
• High Efficiency Over Wide Load Range
• Not Dissipative Current-Sense Scheme
– Uses MOSFET’s R DS(ON)
– Optional Current-Sense Resistor for Precision
Overcurrent
• Adaptive Dead Time Drivers for N-Channel MOSFETs
• Operates from +5V, +3.3V and Battery (5.6-24V) Inputs
• Precision Core Voltage Control:
– Remote “Kelvin” Sensing
– Summing Current-Mode Control
– On-Chip Mode-Compensated “Droop” for Optimum
Transient Response and Lower Processor Power
Dissipation
• TTL-Compatible 5-Bit Digital Output Voltage Selection
– Wide Range - 0.925VDC to 1.3VDC in 25mV Steps,
and from 1.3VDC to 2.0VDC in 50mV Steps
– Programmable “On-the-Fly” VID code change with
customer programmable slew rate and 100ms settling
time
• Power-Good Output Voltage Monitor
• No negative Core and I/O voltage on turn-off
• Over-Voltage, Under-Voltage and Over-Current Fault
Monitors
• 300kHz Fixed Switching Frequency
• Thermal Shut-Down
Applications
• Converters for Mobile Dual-Mode CPUs
• Web Tablets
• Internet Appliances
FAN5231
Precision Dual PWM Controller And Linear
Regulator for Notebook CPUs
Figure 1. Simplified Power System Diagram
+VIN
VOUT1
VOUT2
VOUT3
FAN5231
CORE
I/ O
PWM 2
LI NEAR
CONTROLLER
REGULATOR
PWM 1
CONTROLLER
CPU CLK
+VIN
3.3V
VI D CODE


Similar Part No. - FAN5231

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

Similar Description - FAN5231

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com