Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5230 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5230
Description  System Electronics Regulator for Mobile PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5230 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5230 Datasheet HTML 1Page - Fairchild Semiconductor FAN5230 Datasheet HTML 2Page - Fairchild Semiconductor FAN5230 Datasheet HTML 3Page - Fairchild Semiconductor FAN5230 Datasheet HTML 4Page - Fairchild Semiconductor FAN5230 Datasheet HTML 5Page - Fairchild Semiconductor FAN5230 Datasheet HTML 6Page - Fairchild Semiconductor FAN5230 Datasheet HTML 7Page - Fairchild Semiconductor FAN5230 Datasheet HTML 8Page - Fairchild Semiconductor FAN5230 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FAN5230
REV. 2.8.5 10/17/01
3
LSD3.3
7
Low-side gate driver for 3.3V. Connect this pin directly to the gate of an
N-channel MOSFET. The trace from this pin to the MOSFET gate should be < 1".
GND3.3
8
Ground for 3.3V MOSFET.
ISEN3.3
9
Current sense for 3.3V. This pin should be connected to the Drain of the bottom
Mosfet with an appropriate resistor and an RC filter. See Application Section.
VFB3.3
10
Voltage feedback for 3.3V.
SDN3.3
11
Soft Start and ON/OFF for 3.3V. OFF=GND. ON=open with SDWN=High. Use
open collector device for control.
PGOOD
12
Power Good Flag. An open collector output that will be logic low if any output
voltage is not above 89% of the nominal output voltage.
SDWN
13
Master Shutdown. Shutdown for all power. Off when low. When high
5V/3.3V-ALWAYS are ON while 5V/3.3V-Main are ready to turn on if SDN5,
SDN3.3 go open.
SGND
14
Signal ground.
VFB12
15
Voltage feedback for 12V.
SW12
16
FET driver for 12V Boost.
SDN5
17
Enable/Soft Start for 5V and 12V. Soft start and ON/OFF for 5V & 12V.
OFF=Grounded. ON=open with SDWN=High.
VFB5
18
Voltage feedback for 5V.
GND5
19
Ground for 5V MOSFET.
LSD5
20
Low side FET driver for 5V. Connect this pin directly to the gate of an N-channel
MOSFET. The trace from this pin to the MOSFET gate should be < 1".
ISEN5
21
Current Sense for 5V. This pin should be connected to the drain of the bottom
Mosfet using appropriate resistor and RC filter. See Application Section.
SW5
22
High Side Driver Source and Low Side Driver Drain Switching Node.
Switching node for 5V.
HSD5
23
High side FET driver for 5V. Connect this pin directly to the gate of an N-channel
MOSFET. The trace from this pin to the MOSFET gate should be < 1".
CPUMP5
24
Charge Pump 5V. High side Gate drive voltage for 5V. High side Gate drive
voltage for 5V. This pin is to be connected to SW5 through a 100nF cap. and to
5V-ALWAYS through a diode.
Pin Description (Continued)
Pin Name
Pin Number Pin Function Description


Similar Part No. - FAN5230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com