Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5094 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5094
Description  Multi-Phase Interleaved Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5094 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5094 Datasheet HTML 1Page - Fairchild Semiconductor FAN5094 Datasheet HTML 2Page - Fairchild Semiconductor FAN5094 Datasheet HTML 3Page - Fairchild Semiconductor FAN5094 Datasheet HTML 4Page - Fairchild Semiconductor FAN5094 Datasheet HTML 5Page - Fairchild Semiconductor FAN5094 Datasheet HTML 6Page - Fairchild Semiconductor FAN5094 Datasheet HTML 7Page - Fairchild Semiconductor FAN5094 Datasheet HTML 8Page - Fairchild Semiconductor FAN5094 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.fairchildsemi.com
Pentium is a registered trademark of Intel Corporation. Athlon is a registered trademark of AMD. Programmable Active Droop is a trademark of Fairchild Semiconductor.
REV. 1.0.2 5/13/02
Features
• Programmable output from 1.100V to 1.850V in 25mV
steps using an integrated 5-bit DAC
• Two interleaved synchronous phases per IC for maximum
performance
• Up to 4 phase power system
• Built-in current sharing between phases and between ICs
• Frequency and phase synchronization between ICs
• Remote sense and Programmable Active Droop™
• High precision voltage reference
• High speed transient response
• Programmable frequency from 200KHz to 2MHz
• Adaptive delay gate switching
• Integrated high-current gate drivers
• Integrated Power Good, OV, UV, Enable/Soft Start
functions
• Drives N-channel MOSFETs
• Operation optimized for 12V operation
• High efficiency mode at light load
• Overcurrent protection using MOSFET sensing
• 28 pin TSSOP package
Applications
• Power supply for Pentium®IV
• Power supply for Athlon®
• Power supply for Ultrasparc™
• VRM for Pentium IV processor
• Programmable step-down power supply
Description
The FAN5094 is a synchronous multi-phase DC-DC
controller IC which provides a highly accurate,
programmable output voltage for all high-performance
processors. Two interleaved synchronous buck regulator
phases with built-in current sharing operate 180
° out of
phase to provide the fast transient response needed to satisfy
high current applications while minimizing external
components. FAN5094s can be paralleled while maintaining
both frequency and phase synchronization and ensuring
current sharing in a high-power system. The FAN5094
features remote voltage sensing, Programmable Active
Droop
 and advanced response for optimal converter
transient response with minimum output capacitance. It has
integrated high-current gate drivers with adaptive delay gate
switching, eliminating the need for external drive devices.
These make it possible to create power supplies running at a
switching frequency as high as 4MHz, for ultra-high density.
The FAN5094 uses a 5-bit D/A converter to program the
output voltage from 1.100V to 1.850V in 25mV steps with
an accuracy of 0.5%. The FAN5094 uses a high level of
integration to deliver load currents in excess of 150A from a
12V source with minimal external circuitry. The FAN5094
also offers integrated functions including Power Good,
Output Enable/Soft Start, under-voltage lockout, over-
voltage protection, and current limiting with independent
current sense on each phase. It is available in a 28-pin
TSSOP package.
Block Diagram
+12V
+12V
+12V
+12V
FAN5094
VFB
Processor
PHASE
CLK
ISHR
+
FAN5094
VFB
PHASE
CLK
ISHR
VFB
+
FAN5094
Multi-Phase Interleaved Buck Converter


Similar Part No. - FAN5094

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5091MTC FAIRCHILD-FAN5091MTC Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
More results

Similar Description - FAN5094

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Fairchild Semiconductor
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com