Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH7773 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7773 Datasheet HTML 1Page - OSRAM GmbH SFH7773 Datasheet HTML 2Page - OSRAM GmbH SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
December 12, 2011
page 5 of 23
As a rule of thumb, 30 counts result in
almost a quadrupling in irradiance (PS
signal level) whereas 10 counts represent
roughly a factor of 1.55 in analog signal
level.
The
digital
proximity
count
signal
is
correlated to the detected irradiance Ee.
There
is
an
approximate
logarithmic
relationship between the digital PS signal
the analog signal level (irradiance):
2
1
4
.
370
11
.
0
017
.
0
10
cm
W
E
burst
t
s
counts
e
μ
⎟⎟
⎜⎜
+
Eq. (1)
The sensor’s design ensures that a touch of
human skin directly onto the sensor (no
airgap) delivers the maximum sensor count
(which depends on LED drive current and
integration time). This ensures that even in
this rare case a reliable operation is
ensured.
5.3 Radiation Characteristics of the PS-
LED
Fig. 10 presents the radiation characteristics
of the IR-LED. The characteristics might
influence the design of the cover glass
(aperture). The directional sensitivity of the
proximity sensor photodiode (detector) is
very similar to the emitter’s radiation
characteristics.
Please refer to Sec. 10.1 for a more detailed
discussion.
5.4 Crosstalk
In general, most proximity sensors are
hidden behind a cover glass. However, the
cover glass causes reflections which might
make it impossible for the sensor to
differentiate between a target reflection (e.g.
human skin) and the reflections from the
0
25
50
75
100
125
150
50
100
150
200
Proximity Count vs. Target Distance
Kodak White, 90 %, 100 x 100 mm
2
Target Distance / mm
300 us
750 us
1000 us
1500 us
Fig. 9: Proximity sensor signal count vs.
target distance and integration time (LED
drive current = 200 mA).
-90
-60
-30
0
30
60
90
0
50
100
+
-
-
± 30°
Angle / °
Short Axis
Long Axis
± 50°
LED
Radiation Characteristics of the IR-LED
+
Fig. 10: Radiation characteristics of the
proximity sensor LED.
0
25
50
75
100
125
150
50
100
150
200
Target Distance / mm
200 mA
100 mA
50 mA
Proximity Count vs. Target Distance
Kodak White, 90 %, 100 x 100 mm
2
Fig. 8: Proximity sensor signal count vs.
target distance and LED drive current
(integration time tburst = 750 us).


Similar Part No. - SFH7773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
   Not for design in automotive and industrial applications
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - SFH7773

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
OSRAM GmbH
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
logo
OSRAM GmbH
SFH7776 OSRAM-SFH7776_13 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com