Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MXE-5303 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MXE-5303
Description  Powerful 2nd Generation Intel® Core™ i7 Fanless Embedded Computer with High Performance Wireless Support
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXE-5303 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.adlinktech.com
22
Specifications
Ordering Information
8 GB DDR3 Upgrade
Upgrade to 8 GB DDR3 memory
320 GB HDD Option
Factory-installed 320 GB SATA hard disk drive (0 to 50°C)
8 GB/32 GB/64 GB SSD Option
Factory-installed of 8 GB/ 32 GB SLC type or 64 GB MLC type industrial-grade SATA solid state disk (-40 to 85 °C)
160 W AC-DC Adapter
160 W industrial-grade AC-DC adapter (-20 to 70°C)
Wireless Module Option
3G/WiFi/BT/GPS wireless modules
Extended Temperature Option*
Optional screening to extend the operating temperature of the MXE-5301 to -20 to 60°C and MXE-5302/MXE-5303 to -20 to 70°C
RF Matching Module Option
3G/WiFi/BT/GPS performance enhancement with RF Matching Module
Optional Accessories
Model Name
MXE-5301
MXE-5302
MXE-5303
System Core
Processor
Intel® Core™ i7-2710QE
Intel® Core™ i5-2510E
Intel® Core™ i3-2330E
Chipset
Intel® Mobile Platform Controller Hub (QM67)
Video
VGA+DVI dual display output by DVI-I connector
• Analog CRT, supports QXGA (2048 x 1536) resolution
• DVI output, supports up to 1920 x 1080 resolution
Memory
4 GB DDR3 1066 MHz SODIMM module (Up to 16 GB support)
I/O Interface
Ethernet
4 GbE ports (2 Realtek® 8111C + 1 Intel® 82574IT + 1 82579LM PHY)
Serial Ports
2 software-programmable RS-232/422/485 (COM1 & COM2)
2 RS-232 (COM3 & COM4)
USB
4 USB 2.0 ports & 2 USB 3.0 ports
DIO
4 DIO w/ 1.5KV isolation
Audio
1 mic-in and 1 speaker-out
KB/MS
1 PS/2 keyboard and 1 PS/2 mouse (combo)
Mini PCIe
2 internal PCIe mini card sockets
USIM
WDT
1 USIM socket for 3G communication (used for a 3G-mini module )
Supports a watchdog timer
Power Supply
DC Input
Built-in 9-32 VDC wide-range DC input
3P pluggable connectors with latch (GND, V-, V+)
AC Input
Optional 160 W external AC-DC adapter for AC input
Storage Device
SATA HDD
1 onboard SATA-III port for 2.5" HDD/SSD installation
CompactFlash
eSATA
Mechanical
Dimensions
230 mm (W) x 205 mm (D) x 75 mm (H) (9” x 8” x 2.9”)
Weight
3.8 kg (8.39 lbs)
Mounting
Wall-mount kit
Environmental
Operating Temperature*
Standard: 0°C to 50°C (w/HDD)
Storage Temperature
-40°C to 85°C (excl. HDD/SSD/CFast)
Extended Temperature: -20°C to 60°C
(w/industrial SSD or CFast)
Extended Temperature: -20°C to 70°C
(w/industrial SSD or CFast)
Humidity
~95% @ 40°C (non-condensing)
Vibration
Operating, 5 Grms, 5-500 Hz, 3 axes (w/ CFast or SSD)
Operating, 0.5 Grms, 5-500 Hz, 3 axes (w/ HDD)
ESD
Contact +/-4 KV and Air +/-8 KV
Shock
Operating, 50 G, half sine 11 ms duration (w/ CFast or SSD)
EMC
CE and FCC Class A
*This option guarantees system cold boot at -20°C and operation at 100% load at 70°C, with industrial solid-state drive storage option required.
*Extending the operating temperature to -20°C to +70°C is optional and requires use of an industrial solid-state drive storage device.
1 CFast slot
1 eSATA interface connectors on rear panel for storage expansion
Integrated Embedded Computers
Model Name
Description
DIO
COM Ports
GbE
USB
Memory
MXE-5301
Intel® Core™ i7 fanless embedded computer
4 DI & 4DO w/1.5KV isolation
2 RS-232/422/485, 2 RS-232
4
6
4 GB DDR3
MXE-5302
Intel® Core™ i5 fanless embedded computer
4 DI & 4DO w/1.5KV isolation
2 RS-232/422/485, 2 RS-232
4
6
4 GB DDR3
MXE-5303
Intel® Core™ i3 fanless embedded computer
4 DI & 4DO w/1.5KV isolation
2 RS-232/422/485, 2 RS-232
4
6
4 GB DDR3
Specifications
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn