Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MXE-5301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MXE-5301
Description  Powerful 2nd Generation Intel® Core™ i7 Fanless Embedded Computer with High Performance Wireless Support
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXE-5301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.adlinktech.com
21
Powerful 2nd Generation Intel® Core™ i7 Fanless Embedded Computer
with High Performance Wireless Support
MXE-5300 Series
Introduction
Features
Intel® Core™ i7-2710QE (Quad-Core) / i5-2510E / i3-2330E Processor
+ Intel® QM67 chipset
Rugged, up to -20°C to 70°C fanless operation (w/ industrial SSD)*
Intel® Active Management Technology 7.0 support
Optional wireless function enhancement (WCDMA, 802.11 a/b/g/n, BT3.0, AGPS)
1 onboard SATA-III (6.0 Gb/s) port
6 USB ports (USB 3.0 port x2 + USB 2.0 port x4), 4 DI +
4 DO w/ 1.5KV isolation, 4 GbE ports
1 external CFast socket; 2 onboard mini PCIe card sockets
2 software-programmable RS-232/422/485 (COM1&2), 2 RS-232 (COM3&4)
Intelligent Transportation Systems
Facility Management
Building Automation Systems (BAS)
Digital Surveillance
In-vehicle Multimedia and Surveillance
Applications
Windows® XP / XP Embedded / 7, Linux*
*Linux Distribution by Request
Software Support
MXE-5300 Front Panel
MXE-5300 Back Panel
USB 3.0 Port x 2
DVI-I
CFast
PS2 KB/MS
USB 2.0 Port x 4
GbE Port x 2
eSATA
GbE Port x 2
MIC-In & Speaker-Out
Power Button
DC Input
(9-32 V)
COM1-4 & 4DIO
*Extending the operating temperature to -20°C to +70°C is optional and requires use of an industrial solid-state drive storage device.
The Matrix MXE-5300 is the latest addition to ADLINK’s Matrix E series, based on the Intel® Core™ i7-2710QE
quad-core processor, boosting performance by almost 150% with minimal increase in power consumption, and
offering outstanding computing power tailored to a variety of specific application needs.
Featuring a new design simplifying system component replacement and maintenance, the MXE-5300 allows
effortless access to storage, memory, and wireless modules. Leveraging proprietary mechanical engineering, the
MXE-5300 series also retains all the popular features of the Matrix E series, including rugged -20 to 70°C fanless
operation, 5 Grms vibration resistance, and 9-32V wide range DC input.
In addition, the MXE-5300 provides dual mini-PCIe sockets and a USIM socket supporting wireless protocols such
as 3G, GPS, WiFi and Bluetooth. ADLINK’s proprietary wireless enhancement technology empowers the
MXE-5300 to deliver industrial-grade wireless performance.
The MXE-5300 accommodates Intel® Active Management 7.0, for remote system management, enabling users to
easily perform maintenance, diagnostic, update, and even BIOS configuration tasks on the MXE-5300 via Ethernet
connection.
Combining superior processor performance, innovative mechanical design, superior wireless capability, and rich
IO, all in a compact and robust package, the ADLINK MXE-5300 is an idea choice for a wide range of applications.
MXE-5300 with Antenna
■ An Ingenious Design for Easy Maintenance
1. Ready-to-deploy wall mount kit
2. One screw removable storage bracket
3. Flexible memory expansion slots


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn