Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5071 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5071
Description  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5071 Datasheet HTML 4Page - Fairchild Semiconductor FAN5071 Datasheet HTML 5Page - Fairchild Semiconductor FAN5071 Datasheet HTML 6Page - Fairchild Semiconductor FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor FAN5071 Datasheet HTML 10Page - Fairchild Semiconductor FAN5071 Datasheet HTML 11Page - Fairchild Semiconductor FAN5071 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FAN5071
8
REV. 1.0.4 1/29/02
Table 3. FAN5071 Application Bill of Materials for Intel VRM8.5 Motherboards
(Components based on Worst Case Analysis—See Appendix for Details)
Notes:
1. Inductor L1 is recommended to isolate the 5V input supply from noise generated by the MOSFET switching, and to comply with
Intel dI/dt requirements. L1 may be omitted if desired.
2. For 30A designs using the TO-220 MOSFETs, heatsinks with thermal resistance
Θ
SA < 20°C/W should be used. For designs
using the TO-263 MOSFETs, adequate copper area should be used. For details and a spreadsheet on MOSFET selections,
refer to Applications Bulletins AB-8 and AB-15.
Reference
Manufacturer Part #
Quantity
Description
Requirements/Comments
C1
AVX
TAJB475M010R5
1
4.7µF, 10V Capacitor
C2, C5
Panasonic
ECU-V1C105ZFX
2
1µF, 16V Capacitor
C3-4,C6
Panasonic
ECU-V1H104ZFX
3
100nF, 50V Capacitor
C7-9
Sanyo
6MV1000FA
3
1000µF, 6.3V
Electrolytic
CIN
Rubycon
16ZL1000M
4
1000µF, 16V
Electrolytic
IRMS = 2.3A
COUT
Rubycon
6.3ZL1500M
8
1500µF, 6.3V
Electrolytic
ESR
≤ 23mΩ
D1
Motorola
MBRD835L
1
8A Schottky Diode
L1
Any
Optional
1.3µH, 10A Inductor
DCR ~ 6m
See Note 1.
L2
Coiltronics
HC2-1R0
1
1.0µH, 34A Inductor
DCR ~ 1m
Q1
Fairchild
FDD6690A
2
N-Channel MOSFET
RDS(ON) = 17mΩ @ VGS = 4.5V
See Note 2.
Q2
Fairchild
FDD6680A
2
N-Channel MOSFET
RDS(ON) = 13mΩ @ VGS = 4.5V
See Note 2.
Q3-5
Fairchild
NDB4032L
3
N-Channel MOSFET
R1
Any
1
10
R2-3, R6
Any
3
4.7
R4, R8-12
Any
6
10K
R5
Any
1
27.4K
R7
Any
1
8.66K
U1
Fairchild
FAN5071M
1
DC/DC Controller
Test Parameters
Figure 2. Output Drive Timing Diagram
tR
90%
tDT
tDT
tF
HIDRV
LODRV
2V
2V
2V
90%
10%
10%
2V


Similar Part No. - FAN5071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Similar Description - FAN5071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com