Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5070 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5070
Description  High Performance Programmable Synchronous DC-DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5070 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5070 Datasheet HTML 1Page - Fairchild Semiconductor FAN5070 Datasheet HTML 2Page - Fairchild Semiconductor FAN5070 Datasheet HTML 3Page - Fairchild Semiconductor FAN5070 Datasheet HTML 4Page - Fairchild Semiconductor FAN5070 Datasheet HTML 5Page - Fairchild Semiconductor FAN5070 Datasheet HTML 6Page - Fairchild Semiconductor FAN5070 Datasheet HTML 7Page - Fairchild Semiconductor FAN5070 Datasheet HTML 8Page - Fairchild Semiconductor FAN5070 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FAN5070
4
REV. 1.0.1 8/7/01
Notes:
1. Steady State Voltage Regulation includes Initial Voltage Setpoint, Droop, Output Ripple and Output Temperature Drift and is
measured at the converter’s VFB sense point.
2. As measured at the converter’s VFB sense point. For motherboard applications, the PCB layout should exhibit no more than
0.5m
Ω trace resistance between the converter’s output capacitors and the CPU. Remote sensing should be used for optimal
performance.
3. Using the VFB pin for remote sensing of the converter’s output at the load, and the appropriate droop, the converter will be
in compliance with Intel’s VRM 8.5 specification. If Intel specifications on maximum plane resistance from the converter’s
output capacitors to the CPU are met, the specifications at the capacitors will also be met.
Table 1. Output Voltage Programming Codes for FAN5070
Note:
1. 0 = processor pin is tied to GND.
1 = processor pin is pulled up to 3.3V.
VID25mV
VID3
VID2
VID1
VID0
Nominal VOUT
00100
1.050V
10100
1.075V
00011
1.100V
10011
1.125V
00010
1.150V
10010
1.175V
00001
1.200V
10001
1.225V
00000
1.250V
10000
1.275V
01111
1.300V
11111
1.325V
01110
1.350V
11110
1.375V
01101
1.400V
11101
1.425V
01100
1.450V
11100
1.475V
01011
1.500V
11011
1.525V
01010
1.550V
11010
1.575V
01001
1.600V
11001
1.625V
01000
1.650V
11000
1.675V
00111
1.700V
10111
1.725V
00110
1.750V
10110
1.775V
00101
1.800V
10101
1.825V


Similar Part No. - FAN5070

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5071 FAIRCHILD-FAN5071 Datasheet
424Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Similar Description - FAN5070

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5071 FAIRCHILD-FAN5071 Datasheet
424Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com