Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2901FV Datasheet(PDF) 6 Page - Rohm

Part # BA2901FV
Description  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901FV Datasheet(HTML) 6 Page - Rohm

Back Button BA2901FV Datasheet HTML 2Page - Rohm BA2901FV Datasheet HTML 3Page - Rohm BA2901FV Datasheet HTML 4Page - Rohm BA2901FV Datasheet HTML 5Page - Rohm BA2901FV Datasheet HTML 6Page - Rohm BA2901FV Datasheet HTML 7Page - Rohm BA2901FV Datasheet HTML 8Page - Rohm BA2901FV Datasheet HTML 9Page - Rohm BA2901FV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical Note
6/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
0
10
20
30
40
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
Fig.1
ディレーティングカーブ
Fig.2
回路電流 - 電源電圧特性
Fig.3
回路電流 - 温度特性
Fig.4
出力飽和電圧-電源電圧特性
(IOL=4[mA])
Fig.5
出力飽和電圧-温度特性
(IOL=4[mA])
Fig.6
Low レベル出力電圧-出力シンク電流特性
(VCC=5[V])
Fig.7
出力シンク電流-温度特性
(VOUT=1.5[V])
Fig.8
入力オフセット電圧-電源電圧特性
Fig.9
入力オフセット電圧-温度特性
Fig.10
入力バイアス電流-電源電圧特性
Fig.11
入力バイアス電流-温度特性
Fig.12
入力オフセット電流-電源電圧特性
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SU PPLY VOLTAGE[V]
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10203040
SU PPLY VOLTAGE[V]
25℃
-40℃
85℃
2V
5V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E [
℃]
2V
36V
5V
0
50
100
150
200
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
36V
2V
5V
2V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
203040
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
0
50
100
150
200
0
10
203040
SU PPLY VOLTAGE[V]
25℃
85℃
-40℃
-40℃
25℃
85℃
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
SU PPLY VOLTAGE[V]
-40℃
25℃
85℃
2V
36V
5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20
OUTPUT SINK CUR RENT[m A]
85℃
25℃
-40℃
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA8391G
85
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391 family
●Reference Data BA8391 family
(*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃]
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
Fig.10
Input Bias Current - Supply Voltage
Fig.11
Input Bias Current - Ambient Temperature
Fig.12
Input Offset Current - Supply Voltage
Fig.1
Derating Curve
Fig.2
Supply Current - Supply Voltage
Fig.3
Supply Current - Ambient Temperature
Fig.4
Output Saturation Voltage
- Supply Voltage
(IOL=4[mA])
Fig.5
Output Saturation Voltage
- Ambient Temperature
(IOL=4[mA])
Fig.6
Low Level Output Voltage
- Output Sink Current
(VCC=5[V])
Fig.7
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Fig.8
Input Offset Voltage - Supply Voltage
Fig.9
Input Offset Voltage - Ambient Temperature
BA8391 family
BA8391 family


Similar Part No. - BA2901FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901FV ROHM-BA2901FV Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901FV ROHM-BA2901FV Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2901FV ROHM-BA2901FV Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2901FV ROHM-BA2901FV Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2901FV ROHM-BA2901FV Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Similar Description - BA2901FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com