Electronic Components Datasheet Search |
|
BA8391G Datasheet(PDF) 4 Page - Rohm |
|
BA8391G Datasheet(HTML) 4 Page - Rohm |
4 / 25 page Technical Note 4/24 BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV, BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ●Absolute Maximum Ratings (Ta=25[℃]) Parameter Symbol Ratings Unit BA2903S family BA2901S family BA2903 family BA2901 family Supply Voltage VCC-VEE +36 V Differential Input Voltage (*9) Vid ±36 V Input Common-mode Voltage Range Vicm (VEE-0.3) ~ VEE+36 V Operating Temperature Range Topr -40 ~ +105 -40 ~ +125 ℃ Storage Temperature Range Tstg -55 ~ +150 ℃ Maximum junction Temperature Tjmax +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. (*9) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ○BA2903 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃]) Parameter Symbol Temperature range Limits Unit Condition BA2903S F/FV/FVM BA2903F/FV/FVM Min. Typ. Max. Input Offset Voltage (*10) (*11) Vio 25℃ - 2 7 mV VOUT = 1.4[V] Full range - - 15 VCC = 5 ~ 36[V], VOUT = 1.4[V] Input Offset Current (*10) (*11) Iio 25℃ - 5 50 nA VOUT = 1.4[V] Full range - - 200 Input Bias Current (*10) (*11) Ib 25℃ - 50 250 nA VOUT = 1.4[V] Full range - - 500 Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-1.5 V - Large Signal Voltage Gain AV 25℃ 88 100 - dB VCC = 15[V], VOUT=1.4 ~ 11.4[V] RL = 15[k Ω], VRL = 15[V] Supply Current (*11) ICC 25℃ - 0.6 1 mA VOUT = open Full range - - 2.5 VOUT = open, VCC = 36[V] Output Sink Current (*12) IOL 25℃ 6 16 - mA VIN+ = 0[V], VIN = 1[V], VOL = 1.5[V] Output Saturation Voltage (*11) (Low level output voltage) VOL 25℃ - 150 400 mV VIN+ = 0[V], VIN- = 1[V], IOL = 4[mA] Full range - - 700 Output Leakage Current (*11) (High level output voltage) Ileak 25℃ - 0.1 - μA VIN+ = 1[V],VIN- = 0[V], VOH = 5[V] Full range - - 1 μA VIN+ = 1[V], VIN- = 0[V], VOH = 36[V] Response Time Tre 25℃ - 1.3 - μs RL = 5.1[k Ω], VRL = 5[V] VIN=100[mVp-p],overdrive=5[mV] - 0.4 - RL=5.1[k Ω], VRL=5[V], VIN=TTL Logic Swing, VREF=1.4[V] (*10) Absolute value (*11) BA2903S family: Full range -40[℃] ~ +105[℃], BA2903family: Full range -40[℃] ~ +125[℃] (*12) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Similar Part No. - BA8391G |
|
Similar Description - BA8391G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |