Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

628L Datasheet(PDF) 4 Page - Bi technologies

Part No. 628L
Description  R/2R Ladder
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

628L Datasheet(HTML) 4 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL 628 L
Model 628 L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Packaging
Ordering Information
Standard:
Tape & Reel
Conforms to requirements of EIA-481.
All units oriented with lead #1 to the left of direction of feed.
Tape
Width =
Pocket =
Pitch =
24mm
Embossed Plastic, Antistatic
12mm
Reel
Diameter =
Capacity =
13” (330mm) Maximum
2,000 Units
Option:
Magazines
Conforms to EIA and JEDEC standards.
All units oriented with lead #1 to the same side.
Magazine:
Capacity = 50 Units
628 L 104 TR4
Model
Circuit Type:
L = Ladder
Standard Tape & Reel Packaging:
(No code used for Magazines.)
R Resistance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn