Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

628L Datasheet(PDF) 3 Page - Bi technologies

Part No. 628L
Description  R/2R Ladder
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

628L Datasheet(HTML) 3 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model
Package
Per Resistor
628L
0.64
0.040
R/2R
R/2R
R/2R
1K/2K
10K/20K
25K/50K
50K/100K
100K/200K
MODEL 628 L
Model 628 L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Solder Pad Layout (Inch/mm)
Typical Part Marking
Power Derating Curve
Power Dissipation, Watts At 70°C
Standard Resistance Values, Ohms
8L104
Part Marking
Lead #1 Indicator
Part
Number:
628L104
Part
Marking:
8L104
Date Code
Manufacturer’s Trademark
UK MADE
Percent of
Rated Power
100
80
60
40
20
0
150
125
70
-0
Degrees C
.050
1.27 Typ.
.315
8.00 Min.
.030 ± .005
0.76 ± 0.13
.045 ± .005
1.14 ± 0.13
.220 ± .010
5.59 ± 0.25


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn