Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

628L Datasheet(PDF) 1 Page - Bi technologies

Part No. 628L
Description  R/2R Ladder
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

628L Datasheet(HTML) 1 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL 628 L
Model 628 L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
· R/2R Ladder
· .220” Small Outline
· Thick Film DIP
· Surface Mount
· Resistor Networks
Standard Resistance Range, Ohms
1K to 100K
Standard Resistance Tolerance, at 25°C
±2%
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C
Maximum Operating Voltage
50Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Ladder Network Accuracy
8 Bits: ±1/2 LSB, -55°C to +125°C
Lead Material
Copper Alloy, 96.5 / 3.5 SnAg (Dipped)
Lead Configuration
Gull Wing
Lead Coplanarity
±0.002 in. (0.057mm)
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Epoxy
MIL-R-914 — Resistor Networks, Fixed, Film, Surface Mount Established Reliability General Specification
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
EIA-481 — Carrier Taping of Surface Mount Components for Automatic Handling
EIA-PDP-100 — SOGN-0002 Outline Dimensions
Electrical
Mechanical
Applicable Documents
Specifications subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn