Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4822 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4822
Description  ZVS Average Current PFC Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4822 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4822 Datasheet HTML 1Page - Fairchild Semiconductor FAN4822 Datasheet HTML 2Page - Fairchild Semiconductor FAN4822 Datasheet HTML 3Page - Fairchild Semiconductor FAN4822 Datasheet HTML 4Page - Fairchild Semiconductor FAN4822 Datasheet HTML 5Page - Fairchild Semiconductor FAN4822 Datasheet HTML 6Page - Fairchild Semiconductor FAN4822 Datasheet HTML 7Page - Fairchild Semiconductor FAN4822 Datasheet HTML 8Page - Fairchild Semiconductor FAN4822 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
REV. 1.0.1 8/10/01
Features
• Average current sensing, continuous boost, leading edge
PFC for low total harmonic distortion and near unity
power factor
• Built-in ZVS switch control with fast response for high
efficiency at high power levels
• Average line voltage compensation with brownout control
• Current fed gain modulator improves noise immunity and
provides universal input operation
• Overvoltage comparator eliminates output “runaway” due
to load removal
• UVLO, current limit, and soft-start
• Precision 1.3% reference
General Description
The FAN4822 is a PFC controller designed specifically for
high power applications. The controller contains all of the
functions necessary to implement an average current boost
PFC converter, along with a Zero Voltage Switch (ZVS) con-
troller to reduce diode recovery and MOSFET turn-on
losses.
The average current boost PFC circuit provides high power
factor (>98%) and low Total Harmonic Distortion (THD).
Built-in safety features include undervoltage lockout, over-
voltage protection, peak current limiting, and input voltage
brownout protection.
The ZVS control section drives an external ZVS MOSFET
which, combined with a diode and inductor, soft switches the
boost regulator. This technique reduces diode reverse recov-
ery and MOSFET switching losses to reduce EMI and maxi-
mize efficiency.
Block Diagram
Q
S
R
+
1
14
VEAO
VEA
2.5V
FB
4
IAC
5
VRMS
+
3
ISENSE
8
GND
2
IEAO
+
IEA
R+
R–
+
6
RTCT
OSC
GAIN
MODULATOR
S
R
Q
+
2.7V
FB
–1V
12
VCC
VCCZ
13.5V
ZVS OUT
11
Q
S
R
Q
PFC OUT
9
PWR GND
10
OVP
I LIMIT
REF
13
ZV SENSE
7
+
VCCZ
REF
Q
FAN4822
ZVS Average Current PFC Controller


Similar Part No. - FAN4822

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAN4822IN ETC2-FAN4822IN Datasheet
77Kb / 10P
   Built-in ZVS switch control with fast response for high efficiency at high power levels
More results

Similar Description - FAN4822

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
logo
Intersil Corporation
ISL6755 INTERSIL-ISL6755 Datasheet
389Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com