Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN4272 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FAN4272
Description  Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4272 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4272 Datasheet HTML 1Page - Fairchild Semiconductor FAN4272 Datasheet HTML 2Page - Fairchild Semiconductor FAN4272 Datasheet HTML 3Page - Fairchild Semiconductor FAN4272 Datasheet HTML 4Page - Fairchild Semiconductor FAN4272 Datasheet HTML 5Page - Fairchild Semiconductor FAN4272 Datasheet HTML 6Page - Fairchild Semiconductor FAN4272 Datasheet HTML 7Page - Fairchild Semiconductor FAN4272 Datasheet HTML 8Page - Fairchild Semiconductor FAN4272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features at 2.7V
• 130
µA supply current per amplifier
• 4MHz bandwidth
• Output swings to within 25mV of either rail
• Input voltage range exceeds the rail by >250mV
• 4V/
µs slew rate
• 16mA output current
• 22nV/
√Hz input voltage noise
• Operating temperature range: -40°C to +125°C
• Directly replaces TLC2272 in single supply applications
•Available in SOIC-8 and MSOP-8 package options
•Available evaluation boards:
KEB006 (SOIC) and KEB010 (MSOP)
Applications
• Automotive applications
• Portable/battery-powered applications
• PCMCIA, USB
• Mobile communications, cellular phones, pagers
•Notebooks and PDA’s
• Sensor Interface
• A/D buffer
• Active filters
• Signal conditioning
• Portable test instruments
Description
The FAN4272 is an ultra-low cost, low power, voltage feed-
back amplifier. At 5V, the FAN4272 uses only 160
µA of
supply current per amplifier and is designed to operate from a
supply range of 2.5V to 5.5V (±1.25V to 2.75V). The input
voltage range exceeds the negative and positive rails.
The FAN4272 offers high bipolar performance at a low CMOS
price. The FAN4272 offers superior dynamic performance
with a 4MHz small signal bandwidth and 4V/
µs slew rate.
The combination of low power, high bandwidth, and rail-to-
rail performance make the FAN4272 well suited for battery-
powered communication/computing systems.
FAN4272
Dual, Low Cost, +2.7V & +5V, Rail-to-Rail I/O Amplifier
www.fairchildsemi.com
Rev. 2 December 2002
FAN4272 Packages
Large Signal Freq. Response Vs = +5V
Vo = 2Vpp
Vo = 4Vpp
Vo = 1Vpp
Frequency (MHz)
110
0.1
Output Swing vs. Load Vs = +5V
Input Voltage (V)
-3
-2
-1
0
1
2
3
-2.5
-2.0
-1.5
-1.0
-0.5
0
2.0
2.5
1.5
1.0
0.5
RL = 1kΩ
RL = 10kΩ
RL = 200Ω
RL = 100Ω
RL = 75Ω
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn