Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN4272 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. FAN4272
Description  Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4272 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN4272 Datasheet HTML 3Page - Fairchild Semiconductor FAN4272 Datasheet HTML 4Page - Fairchild Semiconductor FAN4272 Datasheet HTML 5Page - Fairchild Semiconductor FAN4272 Datasheet HTML 6Page - Fairchild Semiconductor FAN4272 Datasheet HTML 7Page - Fairchild Semiconductor FAN4272 Datasheet HTML 8Page - Fairchild Semiconductor FAN4272 Datasheet HTML 9Page - Fairchild Semiconductor FAN4272 Datasheet HTML 10Page - Fairchild Semiconductor FAN4272 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DATA SHEET
FAN4272
8
Rev. 2 December 2002
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance. Fairchild has evaluation boards to
use as a guide for high frequency layout and as aid in device
testing and characterization. Follow the steps below as a
basis for high frequency layout:
• Include 6.8
µF and 0.01µF ceramic capacitors
• Place the 6.8
µF capacitor within 0.75 inches of the
power pin
• Place the 0.01
µF capacitor within 0.1 inches of the
power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts shown in Figure 6 for
more information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of this device:
Evaluation board schematics and layouts are shown in Figure
5 and Figure 6.
Figure 5: Evaluation Board Schematic
Eval Bd
Description
Products
KEB006
Dual Channel, Dual Supply,
FAN4272AM8
8 lead SOIC
KEB010
Dual Channel, Dual Supply,
FAN4272AMU8
8 lead MSOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn