Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN4272 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FAN4272
Description  Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4272 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4272 Datasheet HTML 1Page - Fairchild Semiconductor FAN4272 Datasheet HTML 2Page - Fairchild Semiconductor FAN4272 Datasheet HTML 3Page - Fairchild Semiconductor FAN4272 Datasheet HTML 4Page - Fairchild Semiconductor FAN4272 Datasheet HTML 5Page - Fairchild Semiconductor FAN4272 Datasheet HTML 6Page - Fairchild Semiconductor FAN4272 Datasheet HTML 7Page - Fairchild Semiconductor FAN4272 Datasheet HTML 8Page - Fairchild Semiconductor FAN4272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Operating Characteristics
(Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ, Ta = 25°C; unless otherwise noted)
4
Rev. 2 December 2002
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
1
10
G = 5
Rf = 5kΩ
Vo = 0.2Vpp
G = 10
Rf = 5kΩ
G = 2
Rf = 5kΩ
G = 1
Rf = 0
Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
1
10
G = -5
Rf = 5kΩ
Vo = 0.2Vpp
G = -10
Rf = 5kΩ
G = -2
Rf = 5kΩ
G = -1
Rf = 5kΩ
Non-Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
1
10
G = 5
Rf = 5kΩ
Vo = 0.2Vpp
G = 10
Rf = 5kΩ
G = 2
Rf = 5kΩ
G = 1
Rf = 0
Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
1
10
G = -5
Rf = 5kΩ
Vo = 0.2Vpp
G = -10
Rf = 5kΩ
G = -2
Rf = 5kΩ
G = -1
Rf = 5kΩ
Frequency Response vs. CL Vs = +5V
Frequency (MHz)
0.01
0.1
1
10
CL = 20pf
Rs = 0
CL = 10pf
CL = 200pf
CL = 100pf
CL = 50pf
+
-
5kΩ
5kΩ
Rs
CL
RL
Frequency Response vs. RL Vs = +5V
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
Large Signal Freq. Response Vs = +5V
Vo = 2Vpp
Vo = 4Vpp
Vo = 1Vpp
Frequency (MHz)
110
0.1
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
-20
20
40
-180
-135
-90
-45
0
60
80
100
120
140
10
100
1k
10k
100k
1M
10M 100M
|Gain|
RL = 10kΩ
0
1
|Gain|
No Load
Phase
No Load
Phase
RL = 10kΩ
DATA SHEET
FAN4272


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn