Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN4230 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FAN4230
Description  Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4230 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4230 Datasheet HTML 1Page - Fairchild Semiconductor FAN4230 Datasheet HTML 2Page - Fairchild Semiconductor FAN4230 Datasheet HTML 3Page - Fairchild Semiconductor FAN4230 Datasheet HTML 4Page - Fairchild Semiconductor FAN4230 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features at ±5V
• 2.5mA supply current per amplifier
• 358MHz bandwidth
• Output voltage range at RL = 150Ω: -4.9V to 4.81V
• Input includes negative rail
• 217V/
µs slew rate
•±130mA output short circuit current
• 12nV/
√Hz input voltage noise
• Competes with AD8052 and LMH6643
• Package options (MSOP-8 and SOIC-8)
• Fully specified at +3V, +5V, and ±5V supplies
Applications
• A/D driver
• Active filters
• CCD imaging systems
• CD/DVD ROM
• Coaxial cable drivers
• Portable/battery-powered applications
•Twisted pair driver
•Video driver
Description
The FAN4230 is a dual, low cost, high performance, voltage
feedback amplifier that consumes only 2.5mA of supply current
while providing ±130mA of output short circuit current. The
FAN4230 is designed to operate from 2.5V to 12V (±6V)
supplies. The common mode voltage range extends below the
negative rail and the output provides rail-to-rail performance.
The FAN4230 is designed on a complimentary bipolar
process and provides 358MHz of bandwidth and 217V/
µs of
slew rate at a supply voltage of ±5V. The combination of low
power, rail-to-rail performance, low voltage operation, and
tiny package options make the FAN4230 well suited for use
in many general purpose high speed applications.
FAN4230
Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
www.fairchildsemi.com
Advanced Data September 2003
+
-
1/2
FAN4230
Rf
0.01µF
6.8µF
Out1
+In1
+Vs
+
0.01µF
6.8µF
-Vs
+
Rg
Typical Application
Pin Assignments
ADVANCED DATA
TBD
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn