Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ3S068D0L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. DZ3S068D0L
Description  Silicon epitaxial planar type For surge absorption circuit
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
Ver. CED
DZ3S068D
2
IF  VF
IZ  VZ
IR VR
RZ  IZ
SZ  IZ
Ct VR
10−3
0
0.5
1.0
1.5
2.0
10−2
10−1
1
10
103
102
DZ3S068D_IF-VF
Forward voltage VF (V)
Ta = 25°C
10−3
0
4
12
8
10−2
10−1
1
10
102
DZ3S068D_IZ-VZ
Zener voltage VZ (V)
Ta = 25°C
10−11
0
1
2
6
4
3
5
10−7
10−5
10−9
DZ3S068D_IR-VR
Reverse voltage VR (V)
Ta = 25°C
1
10−1
1
10
102
DZ3S068D_RZ-IZ
Zener current IZ (mA)
10
Ta = 25°C
3
1
1
0
2
8
6
4
10
3
5
7
DZ3S068D_SZ-IZ
Zener current IZ (mA)
0
10
20
0
1
2
5
4
3
30
40
DZ3S068D_Ct-VR
Reverse voltage VR (V)
Ta = 25°C
0
40
160
120
80
200
0
50
150
200
100
250
DZ3S__ PT-Ta
Ambient temperature Ta (°C)
Mounted on glass epoxy print board.
(2 diode total)
(45 mm × 45 mm × 1 mm)
Solder in : 0.6 mm × 0.6 mm
1
102
10
103
10−3
10−1
10
103
DZ3S__Rth-t
Time t (s)
(1) Non-heat sink
(2) Mounted on glass epoxy print board.
(45 mm × 45 mm × 1 mm)
Solder in : 0.6 mm × 0.6 mm
(1)
(2)
Rth(j-l) = 70°C/W
10−1
1
102
10
102
103
104
DZ3S__PZSM-tW
Pulse width tW (µs)
Ta = 25°C
PT  Ta
Rth  t
PZSM tW




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl