Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4NS-1EF Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # D4NS-1EF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1EF Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button D4NS-1EF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 9Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 10Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 11Page - Omron Electronics LLC D4NS-1EF Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
D4NS
9
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
(40±0.15)
(30.6)
(30.6)
(33.5)
Red
Black
D4NS-1
@F + D4DS-K3
(with Front-inserted Operation Key)
45 to 47.5
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
45 to 47.5
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
Horizontal key
insertion radius
R
≥ 50
Vertical key
insertion radius
R
≥ 200
Red
Black
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
Horizontal key insertion
radius R
≥ 50
Horizontal key insertion
radius R
≥ 200
55.5 to 58.0 Key
insertion face
55.5 to 58.0 Key
insertion face
D4NS-1
@F + D4DS-K3
(with Top-inserted Operation Key)
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
(41)
(8)
(41)
40
(30.6)
(30.6)
(33.5)
(43±0.1)
(41±0.1)
Red
Black
D4NS-1
@F + D4DS-K5
(with Front-inserted Operation Key)
51.9 to 54.4
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
51.9 to 54.4
Key insertion face
Permissible difference
in center lines between
the Operation Key and
key hole is
±1.
Horizontal key
insertion radius
R
≥ 50
Vertical key
insertion radius
R
≥ 50
Red
Black
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
Horizontal key insertion
radius R
≥ 50
Horizontal key insertion
radius R
≥ 50
62.4 to 64.9 Key
insertion face
62.4 to 64.9 Key
insertion face
D4NS-1
@F + D4DS-K5
(with Top-inserted Operation Key)
The permissible difference
in center lines between
the Operation Key
and key hole is ±1.
(41)
(8)
(41)
43 ± 0.1
41 ± 0.1


Similar Part No. - D4NS-1EF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1120 OMRON-D4N-1120 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1122 OMRON-D4N-1122 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1125 OMRON-D4N-1125 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1126 OMRON-D4N-1126 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4NS-1EF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
   Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com