Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2510 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN2510
Description  100 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2510 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2510 Datasheet HTML 2Page - Fairchild Semiconductor FAN2510 Datasheet HTML 3Page - Fairchild Semiconductor FAN2510 Datasheet HTML 4Page - Fairchild Semiconductor FAN2510 Datasheet HTML 5Page - Fairchild Semiconductor FAN2510 Datasheet HTML 6Page - Fairchild Semiconductor FAN2510 Datasheet HTML 7Page - Fairchild Semiconductor FAN2510 Datasheet HTML 8Page - Fairchild Semiconductor FAN2510 Datasheet HTML 9Page - Fairchild Semiconductor FAN2510 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT SPECIFICATION
FAN2510/FAN2511
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
2/14/03 0.0m 005
Stock#DS30002510
 2000 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Tape and Reel Information
Product Number
VOUT
Pin 4 Function
Package Marking
FAN2510SX
Adj.
Adjust
ANA
FAN2510S25X
2.5
Bypass
ANE
FAN2510S26X
2.6
Bypass
ANG
FAN2510S27X
2.7
Bypass
ANJ
FAN2510S28X
2.8
Bypass
ANM
FAN2510S285X
2.85
Bypass
ANN
FAN2510S30X
3.0
Bypass
ANW
FAN2510S33X
3.3
Bypass
AN3
FAN2511S25X
2.5
Error output
APE
FAN2511S26X
2.6
Error output
APG
FAN2511S27X
2.7
Error output
APJ
FAN2511S28X
2.8
Error output
APM
FAN2511S285X
2.85
Error output
APN
FAN2511S30X
3.0
Error output
APW
FAN2511S33X
3.3
Error output
AP3
Quantity
Reel Size
Width
3000
7"
8mm


Similar Part No. - FAN2510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510SX ONSEMI-FAN2510SX Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com