Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQM1H-CPU21 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CQM1H-CPU21
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1H-CPU21 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CQM1H-CPU21 Datasheet HTML 1Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 2Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 3Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 4Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 5Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 6Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 7Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 8Page - Omron Electronics LLC CQM1H-CPU21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A--153
Programmable Controller
CQM1H
Ordering Information
J
CPU
Stock Note: Shaded models are normally stocked.
Specifications
International
t
d d
Part number
Memory capacity
Max. I/O
capacity
Built-in
inputs
Built-in
RS-232C port
Support
of Inner
Boards
Support
of Con-
troller
Link Unit
standards
Program: 3.2 kwords
DM
3 k
d
256 points
16 DC
i
t
No
No
No
U, C, N, CE
CQM1H-CPU11
g
DM area: 3 kwords
p
inputs
Yes
,
,
,
CQM1H-CPU21
Program: 7.2 kwords
DM area: 6 kwords
512 points
Yes
Yes
CQM1H-CPU51
Program: 15.2 kwords
DM area: 6 kwords
EM area: 6 kwords
CQM1H-CPU61
J
POWER SUPPLY MODULES
Stock Note: Shaded models are normally stocked.
Item
Specifications
International
t
d d
Part number
Rated voltage
Allowed voltage
range
Output
capacity
Service power
supply
standards
AC power
supply modules
100 to
240 VAC
85 to 265 VAC
18 W
None
U, C, N, L, CE
CQM1-PA203
supply modules
240 VAC,
50/60 Hz
30 W
24 VDC, 0.5 A
U, C, L, N
CQM1-PA206
110/230 VAC,
50/60 Hz
80 to 138 VAC
160 to 276 VAC
30 W
24 VDC, 0.5 A
CE
CQM1-PA216
DC power
supply modules
24 VDC
20 to 28 VDC
30 W
U, C, N, L, CE
CQM1-PD026
J
MEMORY CASSETTES
Stock Note: Shaded models are normally stocked.
Memory
Memory capacity/Clock function
International
standards
Part number
Flash memory
16 kwords
U, C, N, CE
CQM1H-ME16K
y
with clock
,
,
,
CQM1H-ME16R
EEPROM
8kwords
U, C, N, L, CE
CQM1-ME08K
with clock
,
,
, ,
CQM1-ME08R
4kwords
CQM1-ME04K
with clock
CQM1-ME04R
EPROM memory cassette
(Memory chip not included)
Cassette with IC socket only (EPROM chip sold
separately)
CQM1-MP08K
( e o y c p o
c uded)
with clock
CQM1-MP08R
EPROM chip
128 KB (8 kwords), 150 ns, 27128 IC or equivalent,
12.5 V
L
ROM-ID-B
256 KB (16 kwords), 150 ns, 27256 IC or equivalent,
12.5 V
CE
ROM-JD-B
512 KB (32 kwords), 150 ns, 27512 IC or equivalent,
12.5 V
ROM-KD-B


Similar Part No. - CQM1H-CPU21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1H-PRO01-E OMRON-CQM1H-PRO01-E Datasheet
344Kb / 15P
   CJ1 Ordering Guide
More results

Similar Description - CQM1H-CPU21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com