Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1654 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1654
Description  1.5A LDO, DDR Bus Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1654 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1654 Datasheet HTML 1Page - Fairchild Semiconductor FAN1654 Datasheet HTML 2Page - Fairchild Semiconductor FAN1654 Datasheet HTML 3Page - Fairchild Semiconductor FAN1654 Datasheet HTML 4Page - Fairchild Semiconductor FAN1654 Datasheet HTML 5Page - Fairchild Semiconductor FAN1654 Datasheet HTML 6Page - Fairchild Semiconductor FAN1654 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
FAN1654
2
REV. 1.0.5 4/17/02
Pin Assignments
Pin Definitions
* Pin Numbers in brackets are for the SOIC-14 package
Typical Application
Pin Number*
Pin Name
Pin Function Description
1, 2, 7 (4, 5, 10)
VDD
VDD. Input power for the LDO.
3, 6 (6, 9)
VTTFORCE
VTT Force Output.
4, 5, 8 (7, 8, 11)
VSS
Power Ground.
10 (12)
VTTSENSE
VTT Sense. Feedback for remote sense of the VTT voltage.
11 (13)
VREFIN
VREFIN. Alternative input for direct control of VTTOUT and VREFOUT.
12 (14)
SHDN
Shutdown. This active low shutdown turns off both VTT and VREFOUT. This
pin has an internal pull-down, and must be externally driven high for the IC to be
on.
13 (1)
VSSQ
Signal Ground.
14 (2)
VREFOUT
Buffered Voltage Reference Output.
15 (3)
VDDQ
VDDQ Input. Attach this pin to the VDDQ supply to generate VTT and
VREFOUT.
9,16
NC
No Internal Connection
14
13
12
11
10
9
8
1
2
3
4
5
6
7
FAN1654
SHDN
VREFIN
VTTSENSE
VSS
VDD
VTTFORCE
VSS
VSSQ
VREFOUT
VDDQ
VDD
VDD
VTTFORCE
VSS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAN1654
NC
VDDQ
VREFOUT
VSSQ
SHDN
VREFIN
VTTSENSE
NC
VDD
VDD
VTTFORCE
VSS
VSS
VTTFORCE
VDD
VSS
16-Lead Plastic eTSSOP-16
θJC = 4˚C/W*
*With package power slug soldered to 0.5 square inch
copper area over backside ground plane of internal
power plane
14-Lead Plastic SOIC
θJC = 37˚C/W, θJA = 88˚C/W
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
100
µF
6V
10
µF
GND
VDD
1nF
(connect to VTTFORCE
at the load)
VTTSENSE
470
µF
10
µF
VTTFORCE
1nF
GND
VREFOUT
SHDN
VDDQ
10k
FAN1654
Figure 1. (eTSSOP pinout shown)


Similar Part No. - FAN1654

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1654

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
   DDR BUS TERMINATION REGULATOR
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com