Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1654 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN1654
Description  1.5A LDO, DDR Bus Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1654 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FAN1654 Datasheet HTML 1Page - Fairchild Semiconductor FAN1654 Datasheet HTML 2Page - Fairchild Semiconductor FAN1654 Datasheet HTML 3Page - Fairchild Semiconductor FAN1654 Datasheet HTML 4Page - Fairchild Semiconductor FAN1654 Datasheet HTML 5Page - Fairchild Semiconductor FAN1654 Datasheet HTML 6Page - Fairchild Semiconductor FAN1654 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT SPECIFICATION
FAN1654
6
REV. 1.0.5 4/17/02
Mechanical Dimensions
14-Lead SOIC
S8.71-8.51;
S1.27-0.40;
S8˚-0˚
S0.50-0.25;X45˚
S1.75-1.35;
S0.25-0.10;z
7.62
S6.20-5.80;
1.27
S0.51-0.35;
S4.00-3.80
7
6
5
4
3
2
1
14
13
12
11
10
9
8
S0.25-0.19;
SEATING PLANE
0.50
1.00
1.27
7.62
LAND PATTERN RECOMMENDATION
5.75
NOTES:
1. This package conforms to JEDEC MS-012, variation AB, ISSUEC dated May, 1990.
2. All dimensions are in millimeters
3. Standard lead finished
200 microinches / 5.08 microns min.
Lead/Tin (solder) oncopper


Similar Part No. - FAN1654

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1654

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
   DDR BUS TERMINATION REGULATOR
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com