Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN1654 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FAN1654
Description  1.5A LDO, DDR Bus Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN1654 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FAN1654
PRODUCT SPECIFICATION
REV. 1.0.5 4/17/02
3
-40
-20
0
20
40
60
80
Quiescent Current vs. Temperature
AMBIENT TEMPERATURE (˚C)
2
1.5
0
.5
1
-60
100
120
140
2.5
3
3.5
-5
-4
-3
-2
-1
0
1
VREF Output Change vs. IREF
VREF LOAD CURRENT (mA)
0.5
0
-1.0
-0.5
-6
2
3
4
1.0
56
ROUT = 0.2
VDD = VDDQ = 2.5V
TA = 25˚C
1.240
1.245
1.250
1.255
1.260
VDD = VDDQ = 2.5V
TA = 25°C
VTT Load Current
-1500
-1000
-500
0
500
1000
1500
VTT Load Current (mA)
Figure 2
Figure 3
Figure 4
Typical Performance Characteristics


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM85631.5A LINEAR BUS TERMINATION REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
G29923A DDR Bus Termination Regulator 1 Global Mixed-mode Technology Inc
AP1250GM1.5A / 3A Bus Termination Regulator 1 2 3 4 5 Advanced Power Electronics Corp.
FAN16553A DDR Bus Termination Regulator 1 2 3 4 5 MoreFairchild Semiconductor
CM31092A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination 1 2 3 4 5 MoreCalifornia Micro Devices Corp
FAN65502A DDR Bus Termination Regulator 1 2 3 4 5 MoreFairchild Semiconductor
CM31072 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications 1 2 3 4 5 MoreCalifornia Micro Devices Corp
RT91731.5A/3A Bus Termination Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
FAN65552A DDR Bus Termination Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MIC371391.5A LOW VOLTAGE UCAP LDO REGULATOR 1 2 3 4 5 MoreMicrel Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn