Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1084MC33 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN1084MC33
Description  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084MC33 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN1084MC33 Datasheet HTML 1Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 2Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 3Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRODUCT SPECIFICATION
FAN1084
REV. 1.0.8 11/10/03
5
Typical Performance Characteristics (continued)
Figure 8. Short-Circuit Current vs. Temperature
Figure 9. Ripple Rejection vs. Frequency
Figure 10. Stability Region VIN/VOUT = 5V/1.5V
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
8.0
7.0
6.0
5.0
4.0
FREQUENCY (Hz)
10
100
1K
10K
100K
90
80
70
60
50
40
30
20
10
0
(VIN – VOUT) ≤ 3V
0.5V
≤ VRIPPLE ≤ 2V
IOUT = 5A
0
0.5
1
1.5
2
2.5
0
1000
2000
3000
4000
LOAD CURRENT (mA)
Area of Instability
Stable Area


Similar Part No. - FAN1084MC33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - FAN1084MC33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com