Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENC424J600-I Datasheet(PDF) 8 Page - Microchip Technology

Part # ENC424J600-I
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600-I Datasheet(HTML) 8 Page - Microchip Technology

Back Button ENC424J600-I Datasheet HTML 4Page - Microchip Technology ENC424J600-I Datasheet HTML 5Page - Microchip Technology ENC424J600-I Datasheet HTML 6Page - Microchip Technology ENC424J600-I Datasheet HTML 7Page - Microchip Technology ENC424J600-I Datasheet HTML 8Page - Microchip Technology ENC424J600-I Datasheet HTML 9Page - Microchip Technology ENC424J600-I Datasheet HTML 10Page - Microchip Technology ENC424J600-I Datasheet HTML 11Page - Microchip Technology ENC424J600-I Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 168 page
background image
ENC424J600/624J600
DS39935C-page 6
 2010 Microchip Technology Inc.
FIGURE 1-1:
ENC424J600/624J600 BLOCK DIAGRAM
24 Kbytes
DMA and
Checksum
TX Control
RX Control
Arbiter
Flow Control
Host Interface
Control
Registers
25 MHz
Power-on
PHY
MII
Interface
MIIM
Interface
TPOUT+
TPOUT-
TPIN+
TPIN-
TX
RX
RBIAS
OSC1
OSC2
Control Logic
CS/CS
SI/RD/RW
SO
SCK/AL
INT
VCAP
CLKOUT
LEDA LEDB
RX Filter
MAC
m3
m1
SRAM
Note 1:
A<14:0>, AD15, WRL/B0SEL, WRH/B1SEL and PSPCFG<4:1> are available on 64-pin devices only. PSPCFG0 is available on 44-pin
devices only.
Reset
Oscillator
I/O
Interface
AD<15:0>(1)
A<14:0>(1)
Logic
Logic
Crypto Cores
Memory
Bus
Interface
SPISEL
PSPCFGx(1)
EN/B0SEL(1)
WR/WRL/
WRH/
B1SEL(1)
m0
m2
PLL
Voltage
Regulator


Similar Part No. - ENC424J600-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ENC424J600-IML MICROCHIP-ENC424J600-IML Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
01/05/10
ENC424J600-IPT MICROCHIP-ENC424J600-IPT Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
01/05/10
More results

Similar Description - ENC424J600-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ENC424J600 MICROCHIP-ENC424J600 Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
2010
ENC624J600-I MICROCHIP-ENC624J600-I Datasheet
1Mb / 168P
   Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
01/05/10
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com