Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4001
Description  SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4001 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 2 Hole Panel
Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .010
inch Diameter
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
Stub
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Panel
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.556 [14.12]
Width/Dia., in [mm]
0.625 [16]
Weight, lbs [g]
0.005 [2.27]
Mounting Hole Configuration
C01
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4001-p.aspx
SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4001
PE4001 REV


Similar Part No. - PE4001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4000 PASTERNACK-PE4000 Datasheet
252Kb / 2P
   SMA Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4000 PASTERNACK-PE4000 Datasheet
350Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4000-SF PASTERNACK-PE4000-SF Datasheet
79Kb / 1P
   SMA FEMALE, 4HOLE PANEL MOUNT
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4002 PASTERNACK-PE4002 Datasheet
285Kb / 3P
   SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
More results

Similar Description - PE4001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128 PASTERNACK-PE4128 Datasheet
256Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter, Gold Plated
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE45347 PASTERNACK-PE45347 Datasheet
367Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
   SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE4127 PASTERNACK-PE4127_16 Datasheet
347Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4127 PASTERNACK-PE4127 Datasheet
377Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
   SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
   SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
   SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com