Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGF1C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # EGF1C
Description  1.0 Ampere High Efficiency Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EGF1C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  EGF1C Datasheet HTML 1Page - Fairchild Semiconductor EGF1C Datasheet HTML 2Page - Fairchild Semiconductor EGF1C Datasheet HTML 3Page - Fairchild Semiconductor EGF1C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EGF1A-EGF1D, Rev. B
EGF1A - EGF1D
1.0 Ampere High Efficiency Glass Passivated Rectifier
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on FR-4 PCB 0.013 mm.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
1998 Fairchild Semiconductor Corporation
Features
Low forward voltage drop.
Low profile package.
Fast switching for high efficiency.
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TL = 100
°C
1.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
30
A
PD
Total Device Dissipation
Derate above 25
°C
2.0
13
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient **
85
°C/W
RθJC
Thermal Resistance, Junction to Case **
30
°C/W
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +175
°C
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Parameter
Device
Units
1A
1B
1C
1D
Peak Repetitive Reverse Voltage
50
100
150
200
V
Maximum RMS Voltage
35
70
105
140
V
DC Reverse Voltage
(Rated VR)
50
100
150
200
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 125
°C
10
100
µA
µA
Maximum Forward Voltage @ 1.0 A
1.0
V
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
50
ns
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
15
pF
2
1
0.208 (5.283)
0.188 (4.775)
0.181 (4.597)
0.157 (3.988)
0.096 (2.438)
0.078 (1.981)
0.062 (1.575)
0.055 (1.397)
0.008 (0.203)
0.002 (0.051)
0.012 (0.305)
0.006 (0.152)
0.060 (1.524)
0.030 (0.762)
0.114 (2.896)
0.098 (2.489)
+
3.93
3.73
1.67
1.47
2.38
2.18
5.49
5.29
Minimum Recomm ended
Land Pattern


Similar Part No. - EGF1C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGF1C GE-EGF1C Datasheet
91Kb / 2P
   ULTRAFAST SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
EGF1C FAIRCHILD-EGF1C Datasheet
51Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Taiwan Semiconductor Co...
EGF1C TSC-EGF1C Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
Vishay Siliconix
EGF1C VISHAY-EGF1C Datasheet
106Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-07
EGF1C VISHAY-EGF1C Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

Similar Description - EGF1C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
GF1A- FAIRCHILD-GF1A- Datasheet
100Kb / 4P
   1.0 Ampere Glass Passivated Rectifier
logo
SeCoS Halbleitertechnol...
HER101G SECOS-HER101G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
logo
Fairchild Semiconductor
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
606Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Rectron Semiconductor
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
logo
Thinki Semiconductor Co...
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com