Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM93L28 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM93L28
Description  Dual 8-Bit Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L28 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM93L28 Datasheet HTML 1Page - Fairchild Semiconductor DM93L28 Datasheet HTML 2Page - Fairchild Semiconductor DM93L28 Datasheet HTML 3Page - Fairchild Semiconductor DM93L28 Datasheet HTML 4Page - Fairchild Semiconductor DM93L28 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Functional Description
The two 8-bit shift registers have a common clock input
(pin 9) and separate clock inputs (pins 10 and 7). The
clocking of each register is controlled by the OR function of
the separate and the common clock input. Each register is
composed of eight clocked RS master/slave flip-flops and a
number of gates. The clock OR gate drives the eight clock
inputs of the flip-flops in parallel. When the two clock inputs
(the separate and the common) to the OR gate are LOW,
the slave latches are steady, but data can enter the master
latches via the R and S input. During the first LOW-to-
HIGH transition of either, or both simultaneously, of the two
clock inputs, the data inputs (R and S) are inhibited so that
a later change in input data will not affect the master; then
the now trapped information in the master is transferred to
the slave. When the transfer is complete, both the master
and the slave are steady as long as either or both clock
inputs remain HIGH. During the HIGH-to-LOW transition of
the last remaining HIGH clock input, the transfer path from
master to slave is inhibited first, leaving the slave steady in
its present state. The data inputs (R and S) are enabled so
that new data can enter the master. Either of the clock
inputs can be used as clock inhibit inputs by applying a
logic HIGH signal. Each 8-bit shift register has a 2-input
multiplexer in front of the serial data input. The two data
inputs D0 and D1 are controlled by the data select input (S)
following the Boolean expression:
Serial data in: SD = SD0 + SD1
An asynchronous master reset is provided which, when
activated by a LOW logic level, will clear all 16 stages inde-
pendently of any other input signal.
Shift Select Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
n
+8 = Indicates state after eight clock pulse
Logic Diagram
Inputs
Output
SD0
D1
Q7 (tn+8)
LL
X
L
LH
X
H
HX
L
L
HX
H
H


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM74LS952Dual Rank 8-Bit TRI-STATE®Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
8277DUAL 8-BIT SHIFT REGISTER 1 2 List of Unclassifed Manufacturers
DM86LS62Dual Rank 8-Bit TRI-STATE Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
9328Dual 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
93L28Dual 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
DM9328Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1658-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
SN74ALS164A8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn