Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM93L28 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. DM93L28
Description  Dual 8-Bit Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L28 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM93L28 Datasheet HTML 1Page - Fairchild Semiconductor DM93L28 Datasheet HTML 2Page - Fairchild Semiconductor DM93L28 Datasheet HTML 3Page - Fairchild Semiconductor DM93L28 Datasheet HTML 4Page - Fairchild Semiconductor DM93L28 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010200
www.fairchildsemi.com
March 1989
Revised August 1999
DM93L28
Dual 8-Bit Shift Register
General Description
The DM93L28 is a high speed serial storage element pro-
viding 16 bits of storage in the form of two 8-bit registers.
The multifunctional capability of this device is provided by
several features: 1) additional gating is provided at the
input to both shift registers so that the input is easily multi-
plexed between two sources; 2) the clock of each register
may be provided separately or together; 3) both the true
and complementary outputs are provided from each 8-bit
register, and both registers may be master cleared from a
common input.
Features
s 2-input multiplexer provided at data input of each
register
s Gated clock input circuitry
s Both true and complementary outputs provided from last
bit of each register
s Asynchronous master reset common to both registers
Ordering Code:
Logic Symbol
VCC = Pin 16
GND
= Pin 8
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
DM93L28N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
S
Data Select Input
D0, D1
Data Inputs
CP
Clock Pulse Input (Active HIGH)
Common (Pin 9)
Separate (Pins 7 and 10)
MR
Master Reset Input (Active LOW)
Q7
Last Stage Output
Q7
Complementary Output


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM74LS952Dual Rank 8-Bit TRI-STATE®Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
8277DUAL 8-BIT SHIFT REGISTER 1 2 List of Unclassifed Manufacturers
DM86LS62Dual Rank 8-Bit TRI-STATE Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
9328Dual 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
93L28Dual 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
DM9328Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1658-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
SN74ALS164A8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn