Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM93L14N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM93L14N
Description  Quad Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L14N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM93L14N Datasheet HTML 1Page - Fairchild Semiconductor DM93L14N Datasheet HTML 2Page - Fairchild Semiconductor DM93L14N Datasheet HTML 3Page - Fairchild Semiconductor DM93L14N Datasheet HTML 4Page - Fairchild Semiconductor DM93L14N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
VCC = +5.0V, TA = +25°C (See Waveforms and Load Configurations)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −10 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = Min, IOH = Max,
2.4
V
VIL = Max, VIH = Min
VOL
LOW Level Output Voltage
VCC = Min, IOL = Max,
0.3
V
VIH = Min, VIL = Max
II
Input Current @ Max
VCC = Max, VI = 5.5V
1mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
Inputs
20
µA
Dn
30
IIL
LOW Level Input Current
VCC = Max, VI = 0.3V
Inputs
−400
µA
Dn
−600
IOS
Short Circuit
VCC = Max
−2.5
−25
mA
Output Current
(Note 3)
ICC
Supply Current
VCC = Max (Note 4)
16.5
mA
Symbol
Parameter
Min
Max
Units
tPLH
Propagation Delay
45
ns
tPHL
E to Qn
36
tPLH
Propagation Delay
30
ns
tPHL
Dn to Qn
30
tPLH
Propagation Delay, MR to Qn
30
ns
tPHL
Propagation Delay, Sn to Qn
33
ns


Similar Part No. - DM93L14N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L28N FAIRCHILD-DM93L28N Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L38 FAIRCHILD-DM93L38 Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
DM93L38N FAIRCHILD-DM93L38N Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
More results

Similar Description - DM93L14N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com