Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM93L14N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM93L14N
Description  Quad Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L14N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM93L14N Datasheet HTML 1Page - Fairchild Semiconductor DM93L14N Datasheet HTML 2Page - Fairchild Semiconductor DM93L14N Datasheet HTML 3Page - Fairchild Semiconductor DM93L14N Datasheet HTML 4Page - Fairchild Semiconductor DM93L14N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The Recommended Operating Conditions table will define the conditions
for actual device operation.
Recommended Operating Conditions
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.7
V
IOH
HIGH Level Output Voltage
400
µA
IOL
LOW Level Output Current
4.8
mA
TA
Free Air Operating Temperature
55
125
°C
tS (H)
Setup Time HIGH or LOW
10
ns
tS (L)
Dn to E
20
tH (H)
Hold Time HIGH or LOW
0
ns
tH (L)
Dn to E
10
tS (H)
Setup time HIGH, Dn to Sn
15
ns
tH (L)
Hold time LOW, Dn to Sn
5ns
tW (L)
E Pulse Width LOW
30
ns
tW (L)
MR Pulse Width LOW
25
ns
tREC
Recovery time,
MR to E
5ns


Similar Part No. - DM93L14N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L28N FAIRCHILD-DM93L28N Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L38 FAIRCHILD-DM93L38 Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
DM93L38N FAIRCHILD-DM93L38N Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
More results

Similar Description - DM93L14N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com