Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSOC270RN Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # FSOC270RN
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC270RN Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC270RN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC270RN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CG01-I
255
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
WITH SEMICONDUCTOR SURGE PROTECTION
The VFR303 Series is an EMI suppression filter with a built-in
varistor function designed to protect semiconductors, such as
C-MOS and TTl, from ESD surge rushes. The VFR303 series
works well as EMI suppression filter.
FEATURES
s Absorbs ESD surges, provides IC protection.
s Excellent signal line EMI suppression filter.
s Thin and low height enables high density mounting.
APPLICATIONS
Elimination of noise and protection of semiconductors in office
automation equipment, including computers and their peripheral
equipment, copy machines, and communication terminals.
PART NUMBERING SYSTEM
SPECIFICATIONS
Capacitance (1kHz)
DC Resistance
Rated Voltage
Rated Current
Peak Pulse
Part Number
(Between
(Ohms)
(Between
(Between
Varistor
Current (Between
Operating
Terminals 1-2)
(Between
Terminals 1-2)
Terminals 1-3)
Voltage
Terminals 1-2)
Temp. Range
Terminals 1-3)
8/20 s
‚VFR303-351 AY 25
130pF ± 20%
150 ± 35%
25VDC
20mA
50VDC ± 20%
15A
–25 to +85°C
(V1mA)
DIMENSIONS: mm
0
10
20
30
40
50
60
70
5
10
100
1000
Frequency (MHz)
8.0 max.
VFR303
351
AY
25
SERIES
PACKAGING
TYPE
RATED VOLTAGE
Bulk = 351
Taped = 431
Terminal
F1
5.0 ± 0.5
F1: 2.5 ± 0.5
25.0 max.
2.3 max.
5.0 max.
0.45 ± 0.1 Dia.
3 x 0.8 Dia.
2.5 ± 0.2
Standard
Mounting Hole
VFR303 Series
‚Available as standard through authorized Murata Electronics Distributors.
VFR303-351
TYPICAL INSERTION LOSS
CHARACTERISTICS (50 Ohms – 3K Ohms)


Similar Part No. - FSOC270RN

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSO SCHURTER-FSO Datasheet
265Kb / 2P
   Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
FSO SCHURTER-FSO Datasheet
243Kb / 2P
   Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
   5.0V/3.0V Plastic HCMOS/TTL Oscillator
logo
Kyocera Kinseki Corpota...
FSO-2D KSS-FSO-2D Datasheet
51Kb / 1P
   C-MOS Output 3.3V.
More results

Similar Description - FSOC270RN

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com