Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST310H-55B101M250 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DST310H-55B101M250
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DST310H-55B101M250 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button DST310H-55B101M250 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DST310H-55B101M250 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
DISC-TYPE
DS310/H, DST310/H & DSS310/H Series
252
CG01-I
DS
310
55
Y5S
271
M
100
DISC TYPE
FERRITE BEAD
SERIES
LEAD
TEMPERATURE
CAPACITANCE
CAPACITANCE
RATED
Blank = None
TYPE
CONFIGURATION
CHARACTERISTICS
TOLERANCE
VOLTAGE
T = Outside
55 = Bulk
S = Inside
91 = Taped
PART NUMBERING SYSTEM
Capacitor
Part Number
Capacitance
W.V.
T.C.
Ferrite
Dimensions
Insertion
–25°C to +85°C
Beads
Loss
FOR GENERAL APPLICATIONS
‚DS310-55Y5S271M100
270pF ± 20%
100V
‚DS310-55Y5S222M100
2200pF ± 20%
100V
±22%
None
Fig. 1
Fig. 4
‚DS310-55Y5S223S50
22000pF + 50%, –20%
50V
‚DS310-55Y5S104M16
100000pF ± 20%
16V
‚DST310-55Y5S271M100
270pF ± 20%
100V
‚DST310-55Y5S222M100
2200pF ± 20%
100V
±22%
External
Fig. 2
Fig. 5
‚DST310-55Y5S223S50
22000pF + 50%, –20%
50V
‚DSS310-55Y5S220M100
22pF ± 20%
100V
‚DSS310-55Y5S470M100
47pF ± 20%
100V
‚DSS310-55Y5S101M100
100pF ± 20%
100V
±22%
Internal
Fig. 3
Fig. 6
‚DSS310-55Y5S271M100
270pF ± 20%
100V
‚DSS310-55Y5S222M100
2200pF ± 20%
100V
‚DSS310-55Y5S223S50
22000pF + 50%, –20%
50V
FOR AUDIO CIRCUITS (LOW DISTORTION TYPE)
‚DSS310-55BL222M100
2200pF ± 20%
100V
±10%
Internally
Fig. 3
Fig. 9
‚DSS310-55DL223S50
22000pF + 50%, –20%
50V
+20%, –30%
SPECIFICATIONS
Part Number
Capacitance
T.C.
Ferrite
Dimensions*
Insertion
–25°C to +85°C
–40°C to +105°C
Beads
Loss
FOR HIGH TEMPERATURE APPLICATIONS
‚DS310H-55B220M250
None
Fig. 1
Fig. 7
_______________________
______________________________________
‚DST310H-55B220M250
22pF ± 20%
External
Fig. 2
Fig. 8
_______________________
______________________________________
‚DSS310H-55B220M250
Internal
Fig. 3
Fig. 10
___________________________________________
______________________________________
‚DS310H-55B101M250
None
Fig. 1
Fig. 7
_______________________
______________________________________
‚DST310H-55B101M250
100pF ± 20%
±20%
External
Fig. 2
Fig. 8
_______________________
______________________________________
‚DSS310H-55B101M250
±10%
Internal
Fig. 3
Fig. 10
___________________________________________
______________________________________
‚DS310H-55B271M250
None
Fig. 1
Fig. 7
_______________________
______________________________________
‚DST310H-55B271M250
270pF ± 20%
External
Fig. 2
Fig. 8
_______________________
______________________________________
‚DSS310H-55B271M250
Internal
Fig. 3
Fig. 10
___________________________________________
____________________________________________________
‚DS310H-55B222M250
None
Fig. 1
Fig. 7
_______________________
______________________________________
‚DST310H-55B222M250
2200pF ± 20%
±30%
External
Fig. 2
Fig. 8
_______________________
______________________________________
‚DSS310H-55B222M250
Internal
Fig. 3
Fig. 10
Disc-type EMIFIL
® DS310, DST310 and DSS310 are T-type
EMI suppression filters. The disc-type EMIFIL increases
the self-resonant frequency of the capacitor by attaching
two lead wires to one of the electrodes of the capacitor and
increases the insertion loss by adding inductance to the
lead in the DST and DSS types only. Frequencies to be
suppressed can be selected by choosing the capacitance.
They are also recommended for use as by-pass capacitors.
*Note: DS
310 Series Footprint for Bulk and Tape & Reel are different. Consult your local Murata Electronics Sales Office.
All DS
310H units are rated at 7A max. and 250VDC.
Current rating is 7 Amps for bulk packaged units, 6 Amps for tape and reel.
‚Available as standard through authorized Murata Electronics Distributors.


Similar Part No. - DST310H-55B101M250

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DST3-10 SUPERWORLD-DST3-10 Datasheet
113Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
DST3-10B11 PULSE-DST3-10B11 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
DST3-10B11 PULSE-DST3-10B11 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
DST3-12 SUPERWORLD-DST3-12 Datasheet
113Kb / 1P
   POWER TRANSFORMER
DST3-120 SUPERWORLD-DST3-120 Datasheet
113Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DST310H-55B101M250

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com