Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-NRF01D3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAL-NRF01D3
Description  50 ohm balun transformer for 2G45 ISM matched Nordic Semiconductor chips with ultralow power transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-NRF01D3 Datasheet(HTML) 5 Page - STMicroelectronics

  BAL-NRF01D3_13 Datasheet HTML 1Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 2Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 3Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 4Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 5Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 6Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 7Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 8Page - STMicroelectronics BAL-NRF01D3_13 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID023215 Rev 3
5/9
BAL-NRF01D3
Application information
Figure 9. nRF2752 application board (courtesy of Nordic Semiconductor)
BAL-NRF01D3


Similar Part No. - BAL-NRF01D3_13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3 Datasheet
241Kb / 8P
   50 ohm balun transformer for 2G45 ISM matched Nordic?셲 chipset: nRF24LE1 QFN32, nRF24AP2-1CH and nRF24AP2-8CH
More results

Similar Description - BAL-NRF01D3_13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3 Datasheet
241Kb / 8P
   50 ohm balun transformer for 2G45 ISM matched Nordic?셲 chipset: nRF24LE1 QFN32, nRF24AP2-1CH and nRF24AP2-8CH
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
logo
Johanson Technology Inc...
2450BM14A0002 JOHANSON-2450BM14A0002 Datasheet
213Kb / 2P
   2.45 GHz Balun / Matching Network : Optimized for Nordic Chipset nRF24L01/
logo
STMicroelectronics
BAL-CC25-01D3 STMICROELECTRONICS-BAL-CC25-01D3 Datasheet
473Kb / 10P
   50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
November 2015 Rev 4
logo
Everlight Electronics C...
DLE-033-044 EVERLIGHT-DLE-033-044 Datasheet
120Kb / 5P
   Two chips are matched for uniform
DLE-033-780 EVERLIGHT-DLE-033-780 Datasheet
121Kb / 5P
   Two chips are matched for uniform
logo
Pulse A Technitrol Comp...
CX2155NL PULSE-CX2155NL Datasheet
115Kb / 1P
   BALUN TRANSFORMER
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
   BALUN TRANSFORMER
logo
Raltron Electronics Cor...
RBL-5400-2012-W-TR RALTRON-RBL-5400-2012-W-TR Datasheet
224Kb / 3P
   BALUN TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com