Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR3045CTF-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part No. MBR3045CTF-E1
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

MBR3045CTF-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C
5
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 1
Data Sheet
Parameter
Symbol
Condition
Value
Unit
Maximum Instantaneous Forward
Voltage Drop (Note 3)
VF
IF=15A, TC=25oC
0.7
V
IF=15A, TC=125oC
0.57
IF=30A, TC=25oC
0.84
IF=30A, TC=125oC
0.72
Maximum Instantaneous Reverse
Current (Note 3)
IR
Rated DC Voltage, TC=125oC
20
mA
Rated DC Voltage, TC=25oC
0.1
Electrical Characteristics (Each Diode Leg)
Note 3: Pulse Test: Pulse Width=300
µs, Duty Cycle≤2.0%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn