Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR3045CTF-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. MBR3045CTF-E1
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

MBR3045CTF-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C
4
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 1
Data Sheet
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(Rated VR) TC=126oC
IF(AV)
15
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHz) TC=138oC
IFRM
30
A
Non Repetitive Peak Surge Current (Surge Applied at Rated
Load Conditions Half Wave, Single Phase, 60Hz)
IFSM
200
A
Operating Junction Temperature (Note 2)
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
ESD (Machine Model=C)
400
V
ESD (Human Body Model=3B)
8000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
Absolute Maximum Ratings (Each Diode Leg) (Note 1)
Parameter
Symbol
Condition
Value
Unit
Maximum Thermal Resistance
θJC
Junction to Case
TO-220-3/
TO-220-3 (2)
3.0
oC/W
TO-220F-3
2.0
θJA
Junction to Ambient
TO-220-3/
TO-220-3 (2)
60
Thermal Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn