Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3045CT-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # MBR3045CT-E1
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR3045CT-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  MBR3045CT-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR3045CT-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C
1
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 1
Data Sheet
General Description
High efficiency dual Schottky rectifier suited for
switch mode power supplies and other power convert-
ers. This device is intended for use in medium voltage
operation, and particularly, in high frequency circuits
where low switching losses and low noise are required.
MBR3045C is available in TO-220-3, TO-220-3 (2)
and TO-220F-3 packages.
Features
·
Low Forward Voltage: 0.57V @ 125oC
·
Low Power Loss/High Efficiency
·
150oC Operating Junction Temperature
·
30A Total (15A Each Diode Leg)
·
Guard-ring for Stress Protection
·
High Surge Capacity
·
Pb-free Package
Applications
·
Power Supply Output Rectification
·
Power Management
·
Instrumentation
Main Product Characteristics
Mechanical Characteristics
·
Case: Epoxy, Molded
·
Epoxy Meets UL 94V-0 @ 0.125in.
·
Weight (Approximately): 1.9Grams
·
Finish: All External Surfaces Corrosion Resistant
and Terminal
·
Leads are Readily Solderable
·
Lead Temperature for Soldering Purposes:
260oC Maximum for 10 Seconds
IF(AV)
2
×15A
VRRM
45V
TJ
150oC
VF(max)
0.57V
Figure 1. Package Types of MBR3045C
TO-220-3 (Optional)
TO-220F-3
TO-220-3 (2)


Similar Part No. - MBR3045CT-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3045CT-E1 DIODES-MBR3045CT-E1 Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045CT-E1 DIODES-MBR3045CT-E1 Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR3045CT-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
   High efficiency 60 V power Schottky rectifier
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com