Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39150S-12E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39150S-12E1
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39150S-12E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ39150S-12E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ39150S-12E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150
Data Sheet
10
Sep. 2012 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 9. Ground Current vs. Temperature
Figure 10. Ground Current vs. Temperature
Figure 11. Ground Current vs. Temperature
Figure 8. Ground Current vs. Supply Voltage
02
468
10
12
0
5
10
15
20
25
30
35
40
45
50
Supply Voltage (V)
V
OUT=5.0V
I
OUT=750mA
I
OUT=1000mA
I
OUT=1500mA
-25
0
25
50
75
100
125
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Temperature (
oC)
V
IN=6V
V
OUT=5.0V
I
OUT=10mA
-25
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
Temperature (
oC)
V
IN=6V
V
OUT=5.0V
I
OUT=750mA
-25
0
25
50
75
100
125
10
11
12
13
14
15
16
17
18
19
20
Temperature (
oC)
V
IN=6V
V
OUT=5.0V
I
OUT=1.5A


Similar Part No. - AZ39150S-12E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150S-3.3 BCDSEMI-AZ39150S-3.3 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3 BCDSEMI-AZ39150S-3.3 Datasheet
209Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3E1 BCDSEMI-AZ39150S-3.3E1 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3E1 BCDSEMI-AZ39150S-3.3E1 Datasheet
209Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3TR BCDSEMI-AZ39150S-3.3TR Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39150S-12E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com