Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39150T-5.0E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39150T-5.0E1
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39150T-5.0E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ39150T-5.0E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ39150T-5.0E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150
Data Sheet
6
Sep. 2012 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
IOUT=10mA
3.27
3.3
3.33
V
10mA
≤IOUT≤1.5A, 4.3V≤VIN≤8V
3.23
3.3
3.37
V
Line Regulation
VRLINE
IOUT=10mA, 4.3V≤VIN≤8V
217
mV
Load Regulation
VRLOAD
VIN=4.3V, 10mA≤IOUT≤1.5A
6.6
33
mV
Output Voltage
Temperature Coefficient
ΔVOUT/ΔTIOUT=10mA
66
330
μV/oC
Dropout Voltage (Note 2)
ΔVOUT=1% IOUT=100mA
80
200
mV
IOUT=750mA
260
mV
IOUT=1.5A
375
500
mV
Ground Current
IGND
IOUT=750mA, VIN=4.3V
4
20
mA
IOUT=1.5A, VIN=4.3V
17
mA
Current Limit
ILIMIT
VOUT=0V (Note 3)
2.0
2.8
A
Minimum Load Current
ILOAD (MIN)
7
10
mA
Output Noise Voltage (rms)
10Hz to 100KHz, IOUT=100mA,
COUT=10μF
400
μV
Electrical Characteristics
VDROP
Note 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its norminal
value which is measured at VOUT+1V applied to VIN.
Note 3: VIN=VOUT(NOMINAL)+1V.
Operating Conditions: VIN=4.3V, IOUT=10mA, CIN=10μF, COUT=10μF, TJ=25oC, unless otherwise specified. The
Boldface applies over -40oC
≤TJ≤125oC.
AZ39150-3.3V Electrical Characteristics


Similar Part No. - AZ39150T-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150T-5.0E1 BCDSEMI-AZ39150T-5.0E1 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150T-5.0E1 BCDSEMI-AZ39150T-5.0E1 Datasheet
209Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39150T-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com