Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN681 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # AN681
Description  USING THE Si87XX FAMILY OF DIGITAL ISOLATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN681 Datasheet(HTML) 3 Page - Silicon Laboratories

  AN681 Datasheet HTML 1Page - Silicon Laboratories AN681 Datasheet HTML 2Page - Silicon Laboratories AN681 Datasheet HTML 3Page - Silicon Laboratories AN681 Datasheet HTML 4Page - Silicon Laboratories AN681 Datasheet HTML 5Page - Silicon Laboratories AN681 Datasheet HTML 6Page - Silicon Laboratories AN681 Datasheet HTML 7Page - Silicon Laboratories AN681 Datasheet HTML 8Page - Silicon Laboratories AN681 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN681
Rev. 0.3
3
3. Device Application
3.1. Si87xx Device Transfer Characteristics
The Si87xx is offered in three different grades, allowing the user to optimize input forward current versus CMTI.
The Si87xx “A” grade and “C” grade have an optimum input diode current of 3 mA resulting in a minimum CMTI of
20 kV/µs(min), (35 kV/µs typical), while the “B” grade has an optimum input diode current of 6 mA resulting in a
minimum CMTI of 35 kV/µs(min), (50 kV/µs typical).
Referring to the “A” grade and “C” grade devices in Figure 3A, an open-collector output low event begins when the
input current crosses the 1.2 mA current threshold, and input current must continue rising to 3.0 mA for the Si87xx
to achieve rated CMTI performance. An open-collector output high event begins when the input current falls below
the 1.1 mA threshold and must continue falling to zero for the Si87xx to achieve rated CMTI performance. The “B”
grade device (Figure 3B) exhibits similar operation, with the exceptions of a low-going current threshold of 2.3 mA
rising to 6 mA and a high-going input current turn-off threshold of 2.0 mA falling to zero.
Note: All device grades must have a voltage drop of 1.7 to 2.8 V across the input during those periods where the open-collec-
tor output voltage is low. In addition, all device grades must operate at the optimum ON current to achieve rated perfor-
mance.
Figure 3. Device Transfer Characteristics
AB
Minimum Current Required for Turn‐On
(A and C Grade) 
Output High
Output Low
Minimum Current Required for Turn‐On 
(B Grade)
Output High
Output Low


Similar Part No. - AN681

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6870 PANASONIC-AN6870 Datasheet
168Kb / 5P
   DUAL FLUORESCENT DISPLAY TUBE DRIVER WITH 18 DOT PEAK HOLD
AN6870N PANASONIC-AN6870N Datasheet
168Kb / 5P
   DUAL FLUORESCENT DISPLAY TUBE DRIVER WITH 18 DOT PEAK HOLD
logo
Analog Devices
AN6876 AD-AN6876 Datasheet
142Kb / 3P
   5-DOT LED DRIVER CIRCUIT
logo
List of Unclassifed Man...
AN6876 ETC2-AN6876 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN6877 ETC1-AN6877 Datasheet
138Kb / 5P
   7-Dot LED Driver Circuits
More results

Similar Description - AN681

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN729 SILABS-AN729 Datasheet
206Kb / 8P
   REPLACING TRADITIONAL OPTOCOUPLERS WITH Si87XX DIGITAL ISOLATORS
logo
STMicroelectronics
AN672 STMICROELECTRONICS-AN672 Datasheet
34Kb / 3P
   When using the internal Analog to Digital Converter of the ST62 family
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
   Using the analog-to-digital converter of the STM8A microcontroller
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
   Using the analog to digital converter of the STM8S microcontroller
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
   Using the UART interfaces in the SPEAr embedded MPU family
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Freescale Semiconductor...
AN2104 FREESCALE-AN2104 Datasheet
508Kb / 20P
   Using Background Debug Mode for the M68HC12 Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com