Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74S283 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74S283
Description  4-Bit Binary Adder with Fast Carry
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S283 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74S283 Datasheet HTML 1Page - Fairchild Semiconductor DM74S283 Datasheet HTML 2Page - Fairchild Semiconductor DM74S283 Datasheet HTML 3Page - Fairchild Semiconductor DM74S283 Datasheet HTML 4Page - Fairchild Semiconductor DM74S283 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006484
www.fairchildsemi.com
August 1986
Revised May 2000
DM74S283
4-Bit Binary Adder with Fast Carry
General Description
These full adders perform the addition of two 4-bit binary
numbers. The sum (
∑) outputs are provided for each bit
and the resultant carry (C4) is obtained from the fourth bit.
These adders feature full internal look ahead across all four
bits. This provides the system designer with partial look-
ahead performance at the economy and reduced package
count of a ripple-carry implementation.
The adder logic, including the carry, is implemented in its
true form meaning that the end-around carry can be
accomplished without the need for logic or level inversion.
Features
s Full-carry look-ahead across the four bits
s Systems achieve partial look-ahead performance with
the economy of ripple carry
s Typical add times
Two 8-bit words
15 ns
Two 16-bit words 30 ns
s Typical power dissipation 510 mW
Ordering Code:
Connection Diagram
Order Number
Package Number
Package Description
DM74S283N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM74S283

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
DM74S280M FAIRCHILD-DM74S280M Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
DM74S280N FAIRCHILD-DM74S280N Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
DM74S287 NSC-DM74S287 Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
DM74S287AJ NSC-DM74S287AJ Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
More results

Similar Description - DM74S283

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
   4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
   4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com