Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ317S-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317S-G1
Description  3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317S-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ317S-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ317S-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
8
Jan. 2013 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 13. Ripple Rejection vs. Frequency
Figure 14. Line Transient Response
Figure 15. Load Transient Response
10
100
1k
10k
100k
20
30
40
50
60
70
V
IN=8.3V
V
OUT=3.3V
Frequency (Hz)
Line_transient_response
VIN=4.8V, VOUT=3.33V, CIN=1μ,COUT=10μ (TAN)
VOUT
VIN=5.8V
VIN=4.8V
VIN=4.8V, VOUT=3.33V, CIN=COUT=10μ (TAN)
preload=0.1A
Line_transient_response
VOUT
IOUT=0.5A
IOUT=0.1A


Similar Part No. - AZ317S-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317S-E1 BCDSEMI-AZ317S-E1 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317S-E1 BCDSEMI-AZ317S-E1 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - AZ317S-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
   3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com